Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFS8405TRL Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRFS8405TRL
Description  Advanced Process Technology New Ultra Low On-Resistance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS8405TRL Datasheet(HTML) 2 Page - International Rectifier

  AUIRFS8405TRL Datasheet HTML 1Page - International Rectifier AUIRFS8405TRL Datasheet HTML 2Page - International Rectifier AUIRFS8405TRL Datasheet HTML 3Page - International Rectifier AUIRFS8405TRL Datasheet HTML 4Page - International Rectifier AUIRFS8405TRL Datasheet HTML 5Page - International Rectifier AUIRFS8405TRL Datasheet HTML 6Page - International Rectifier AUIRFS8405TRL Datasheet HTML 7Page - International Rectifier AUIRFS8405TRL Datasheet HTML 8Page - International Rectifier AUIRFS8405TRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.irf.com © 2013 International Rectifier
April 30, 2013
2
AUIRFS/SL8405
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
EAS (tested)
Single Pulse Avalanche Energy Tested Value
l
IAR
Avalanche Current
Ãd
A
EAR
Repetitive Avalanche Energy
d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
kl
–––
0.92
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
j
–––
40
mJ
181
See Fig. 14, 15, 24a, 24b
247
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆V(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
––– 0.026 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.9
2.3
VGS(th)
Gate Threshold Voltage
2.2
3.0
3.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
2.3
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
100
–––
–––
S
Qg
Total Gate Charge
–––
107
161
Qgs
Gate-to-Source Charge
–––
29
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
39
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
68
–––
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––
128
–––
td(off)
Turn-Off Delay Time
–––
55
–––
tf
Fall Time
–––
77
–––
Ciss
Input Capacitance
–––
5193 –––
Coss
Output Capacitance
–––
754
–––
Crss
Reverse Transfer Capacitance
–––
519
–––
Coss eff. (ER)
Effective Output Capacitance (Energy Related)
–––
878
–––
Coss eff. (TR)
Effective Output Capacitance (Time Related)
–––
1225 –––
m
µA
nA
nC
ns
pF
Conditions
VDS = 10V, ID = 100A
ID = 100A
VGS = 20V
VGS = -20V
VDS = 40V, VGS = 0V, TJ = 125°C
VDS =20V
VGS = 10V g
VGS = 0V
VDS = 25V
ƒ = 1.0 MHz, See Fig. 5
VGS = 0V, VDS = 0V to 32V i, See Fig. 11
ID = 100A
RG = 2.7
VGS = 10V g
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1.0mAd
VGS = 10V, ID = 100A g
VDS = VGS, ID = 100µA
VDS = 40V, VGS = 0V
VDD = 26V
ID = 100A, VDS =0V, VGS = 10V
VGS = 0V, VDS = 0V to 32V h


Similar Part No. - AUIRFS8405TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS8403 IRF-AUIRFS8403 Datasheet
282Kb / 13P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFS8403TRL IRF-AUIRFS8403TRL Datasheet
282Kb / 13P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFS8403TRR IRF-AUIRFS8403TRR Datasheet
282Kb / 13P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFS8407 IRF-AUIRFS8407 Datasheet
336Kb / 14P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFS8407-7P IRF-AUIRFS8407-7P Datasheet
226Kb / 12P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRFS8405TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS8403 IRF-AUIRFS8403 Datasheet
282Kb / 13P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFS8407 IRF-AUIRFS8407 Datasheet
336Kb / 14P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFR8403 IRF-AUIRFR8403 Datasheet
285Kb / 13P
   Advanced Process Technology, New Ultra Low On-Resistance
AUIRFR8401 IRF-AUIRFR8401 Datasheet
458Kb / 14P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFR8405 IRF-AUIRFR8405 Datasheet
289Kb / 13P
   Advanced Process Technology, New Ultra Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com