Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-15530 Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-15530
Description  5V / 3.3V Manchester Encoder / Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530 Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-15530_08 Datasheet HTML 5Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 6Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 7Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 8Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 9Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 10Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 11Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 12Page - Holt Integrated Circuits HI-15530_08 Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
REVISION HISTORY
HI-15530
Revision
Date
Description of Change
DS15530, Rev. J
10/16/08 Corrected package height i
for 24-pin ceramic side-brazed
DIP and clarified temperature ranges.
n Package Dimension drawing
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-15530_08

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530_06 Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
More results

Similar Description - HI-15530_08

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530_06 Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530_13 Datasheet
91Kb / 13P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com