Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFS450 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # IRFS450
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFS450 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  IRFS450 Datasheet HTML 1Page - Fairchild Semiconductor IRFS450 Datasheet HTML 2Page - Fairchild Semiconductor IRFS450 Datasheet HTML 3Page - Fairchild Semiconductor IRFS450 Datasheet HTML 4Page - Fairchild Semiconductor IRFS450 Datasheet HTML 5Page - Fairchild Semiconductor IRFS450 Datasheet HTML 6Page - Fairchild Semiconductor IRFS450 Datasheet HTML 7Page - Fairchild Semiconductor IRFS450 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. B, November 2001
©2001 Fairchild Semiconductor Corporation
Package Dimensions
15.50
±0.20
ø3.60
±0.20
2.00
±0.20
2.00
±0.20
0.85
±0.03
2.00
±0.20
5.50
±0.20
3.00
±0.20
(1.50)
3.30
±0.20
2.00
±0.20
4.00
±0.20
0.75
+0.20
–0.10
0.90
+0.20
–0.10
5.45TYP
[5.45
±0.30]
5.45TYP
[5.45
±0.30]
TO-3PF
Dimensions in Millimeters


Similar Part No. - IRFS450

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS450 ISC-IRFS450 Datasheet
265Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
IRFS450A FAIRCHILD-IRFS450A Datasheet
232Kb / 7P
   Advanced Power MOSFET (500V, 0.4ohm, 9.6A)
logo
Inchange Semiconductor ...
IRFS450A ISC-IRFS450A Datasheet
64Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - IRFS450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com