Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6401 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF6401
Description  RF LINEAR POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF6401 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF6401 Datasheet HTML 1Page - Motorola, Inc MRF6401 Datasheet HTML 2Page - Motorola, Inc MRF6401 Datasheet HTML 3Page - Motorola, Inc MRF6401 Datasheet HTML 4Page - Motorola, Inc MRF6401 Datasheet HTML 5Page - Motorola, Inc MRF6401 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF6401
4
MOTOROLA RF DEVICE DATA
Table 1. Common Emitter S–Parameters
VCC = 20 V, IC = 80 mA
POLAR S–PARAMETERS IN 50
Ω SYSTEM
f
MHz
S11
S21
S12
S22
f
MHz
|S11|
é φ |S21| é φ |S12|
é φ |S22| é φ
100
0.626
–118
28.4
127
0.0186
45
0.649
– 40
200
0.718
–149
17.1
106
0.0230
35
0.434
– 49
400
0.754
–171
9.10
88
0.0271
35
0.303
– 53
600
0.761
179
6.15
77
0.0312
38
0.272
– 56
800
0.762
171
4.65
68
0.0359
42
0.266
– 62
1000
0.763
165
3.73
60
0.0409
44
0.271
– 68
1200
0.758
159
3.13
52
0.0469
44
0.286
– 75
1400
0.753
155
2.60
44
0.0490
46
0.291
– 87
1600
0.765
150
2.30
39
0.0574
50
0.288
– 93
1800
0.769
144
2.06
32
0.0665
49
0.303
– 97
1900
0.768
142
1.98
29
0.0714
48
0.312
–100
2000
0.767
139
1.88
25
0.0756
48
0.322
–103
VCC = 20 V, IC = 50 mA
POLAR S–PARAMETERS IN 50
Ω SYSTEM
f
MHz
S11
S21
S12
S22
f
MHz
|S11|
é φ |S21| é φ |S12|
é φ |S22| é φ
100
0.618
–113
26.2
130
0.0195
45
0.678
– 36
200
0.713
–145
16.2
108
0.0251
34
0.465
– 47
400
0.758
–168
8.78
89.2
0.0288
32
0.331
– 51
600
0.763
180
5.94
78
0.0323
35
0.297
– 55
800
0.761
169
4.49
68
0.0363
39
0.290
– 61
1000
0.764
166
3.61
60
0.0415
41
0.294
– 68
1200
0.758
160
3.02
52
0.0467
42
0.310
– 75
1400
0.757
155
2.52
44.5
0.0486
45
0.313
– 87
1600
0.768
150
2.22
39
0.0566
48
0.311
– 92
1800
0.772
145
2
32
0.0655
48
0.328
– 97
1900
0.770
142
1.91
28
0.0705
47
0.335
–101
2000
0.772
140
1.81
25
0.0745
47
0.345
–104
Figure 5. Test Circuit Components Layout
GND
+ VCC
R4 R5 R6
R7
R8
C9
R2
R3
Q1
C10
C4
C3
C1
C5 C6
C8
C7
C11
C2


Similar Part No. - MRF6401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF6401PHT MOTOROLA-MRF6401PHT Datasheet
69Kb / 4P
   NPN Silicon RF Power Transistor
More results

Similar Description - MRF6401

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20189 ERICSSON-PTB20189 Datasheet
47Kb / 3P
   UHF TV Linear Power Transistor Cellular Radio RF Power Transistor
logo
M/A-COM Technology Solu...
MAPF-250128-150000 MA-COM-MAPF-250128-150000_15 Datasheet
71Kb / 2P
   Linear RF Power TMOS
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
   Linear RF Power FET
MRF157 MA-COM-MRF157_17 Datasheet
793Kb / 10P
   Linear RF Power MOSFET
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
   Linear RF Power FET
MRF157 MA-COM-MRF157_15 Datasheet
327Kb / 9P
   Linear RF Power MOSFET
logo
Advanced Semiconductor
HXTR5104 ASI-HXTR5104 Datasheet
50Kb / 1P
   LINEAR POWER TRANSISTOR
logo
Tyco Electronics
MRF157 MACOM-MRF157 Datasheet
190Kb / 7P
   MOS LINEAR RF POWER FET
logo
Motorola, Inc
MRF157 MOTOROLA-MRF157 Datasheet
178Kb / 8P
   MOS LINEAR RF POWER FET
logo
Infineon Technologies A...
BFP450 INFINEON-BFP450_13 Datasheet
1Mb / 28P
   Linear Low Noise Silicon Bipolar RF Transistor
Revision 1.2, 2013-07-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com