Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-6110 Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-6110
Description  MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6110 Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-6110_10 Datasheet HTML 4Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 5Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 6Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 7Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 8Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 9Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 10Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 11Page - Holt Integrated Circuits HI-6110_10 Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
HI-6110 (BUS CONTROLLER MODE)
ISSUING BC COMMANDS
Register operations in the HI-6110 can be addressed using
either the RA0-RA3 inputs or the RA3:RA0 bits in the Control
Register. Each RA input is logically ORed with its
corresponding Control Register bit. When using input pins
for register addressing, the Control Register bits 10:7 must
be reset. Register addressing via Control Register bits 10:7
is a 2-step process. First, the target register address is
written to the Control Register (and the RA0-RA3 inputs
must be held low). Next, the desired register operation is
performed: the Control Register provides the register
address while the R/
and
inputs specify data direction
and clock the data transfer.
A MIL-STD-1553 Bus Controller message can be pre-
loaded into the HI-6110 by writing the required Command
Word to the Command Word 1 Register. The Command
Word 2 register is used to hold the second (Transmit)
Command Word for RT to RT commands. Message data for
MIL-STD-1553 Receive commands are loaded by the host
into the Transmit Data FIFO. For Mode Code commands
with data word, a data word to be transmitted must be written
to the Transmit Data FIFO.
A BC message sequence commences when a positive edge
occurs at the BCSTART input pin, or when Control Register
bit 1 (BCSTART) transitions from 0 to 1 as a result of a
register write operation by the Host. Control Register bit 1 is
NOT automatically reset upon BC message sequence
execution. Therefore, when using the Control Register to
start message sequences, it is first necessary to reset bit 1
before it is set to initiate the next message sequence. The
MIL-STD-1553 message is properly formatted by the HI-
6110 and output on the selected MIL-STD-1553 data bus.
The HI-6110 waits for a response from the MIL-STD-1553
bus if the command type expects a response. The
responding RT's Status Word is captured in the HI-6110
Status Word 1 Register. The Status Word 2 register is used
to capture the Status Word from the transmitting RT during
RT-to-RT transfer commands. Message data words
received from the transmitting RT are stored in the Receive
Data FIFO. A mode data word received from the transmitting
RT is also stored in the Receive Data FIFO.
If the reply from the MIL-STD-1553 responding terminal was
a valid response and met all response time, Sync and Data
encoding, parity checks, word count, RT address, and
contiguous message requirements, then the VALMESS
output pin goes high and bit 7 in the Status Register is set.
The host may then retrieve the contents of the Status Word
register(s) and Receive Data FIFO as required by the
application software. The FFEMPTY output pin will be low if
the FIFO contains at least one data word, and the
corresponding bit 3 in the Status Register will be reset.
When all data words have been read by the host controller,
the FFEMPTY output pin goes high, and bit 3 in the Status
Register is set.
The final result of any BC message sequence is assertion of
either a VALMESS flag or an ERROR flag. If an error is
detected during a MIL-STD-1553 message sequence, the
ERROR output pin is asserted, corresponding bit 8 in the
Status Register is set, and the appropriate error bit(s) are set
in the Error Register. The host may interrogate the Error
Register to determine what action is necessary to correct the
error. The VALMESS output remains low for any message
for which an error is detected.
There are limited circumstances when VALMESS may be
followed by ERROR. For example, if the BC requests an RT
response with 4 data words but instead receives 5, the extra
data word will cause the VALMESS flag to be reset and
ERROR to be set. The host controller has the option of
reading RT responses on-the-fly by monitoring the
and FFEMPTY flags, or may simply wait for end of sequence
flags, VALMESS or ERROR.
While the Transmit Data FIFO may be pre-loaded before
starting a message sequence, any data word may be loaded
on the fly, as long as it is written before mid-sync during that
word’s transmit window. In order to have the full 32 word
capacity available, the Transmit Data FIFO should be
cleared before writing data. The FIFO is cleared at Master
Reset, or when VALMESS or ERROR is asserted at the end
of a message.
The Receive Data FIFO is cleared at Master Reset, or by
performing a series of FIFO read operations until FFEMPTY
goes high. The Receive Data FIFO will not accept new
receive data when full. The FIFO must have at least one
empty register by mid-sync within the time window for any
incoming data word.
W
STB
RFLAG
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-6110_10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110PCI HOLTIC-HI-6110PCI Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
HI-6110PCIF HOLTIC-HI-6110PCIF Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
HI-6110PCM HOLTIC-HI-6110PCM Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
HI-6110PCMF HOLTIC-HI-6110PCMF Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
HI-6110PCT HOLTIC-HI-6110PCT Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
More results

Similar Description - HI-6110_10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110 Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
logo
Aeroflex Circuit Techno...
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com