Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC15E560L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELC15E560L
Description  Choke Coils Pin terminal inductors featuring small size and high performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC15E560L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELC15E560L Datasheet HTML 1Page - Panasonic Semiconductor ELC15E560L Datasheet HTML 2Page - Panasonic Semiconductor ELC15E560L Datasheet HTML 3Page - Panasonic Semiconductor ELC15E560L Datasheet HTML 4Page - Panasonic Semiconductor ELC15E560L Datasheet HTML 5Page - Panasonic Semiconductor ELC15E560L Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
10000
L (μH)
10
50
100
500
1000
5000 10000
IDC(mA)
5000
1000
500
100
50
10
5
1
09D
16B
18B
10000
L (μH)
5000
1000
500
100
50
10
5
1
10
50
100
500
1000
5000 10000
IDC(mA)
10E
12E
15E
18E
1
2
3
4
5
6
7
8
911
10
Product code
Style
Construction
Inductance
Packaging
Core size
Terminal board
or
Case size
Core
Core
Case
Terminal
Terminal
Core
Core
Terminal board
Terminal
Core (Magnetic Shielded)
Terminal board
Terminal
Taping
Other
D
Omission
E, F etc.
D
B
E
P
09
11
12
15
16
18
Direct terminal by wire
Design No.
Explanation of Part Numbers
Recommended Applications
● CTV, VCR, Audio, PC, Fax machines, PDP,
Home appliance
Features
● High - μ and High Bm cores
● Wide inductor range
● Magnetic shield type (E Type)
● RoHS compliant
Pin terminal inductors featuring small size and high
performance
Choke Coils
Series:
Pin terminal
Type:
09D, 11D, 12D, 16B, 18B,
10E, 12E, 15E, 18E
Available I-L Characteristics
Type 09D
Type 11D
Type 12D
Type 16B
Type 18B
Type 10E–L
Type 12E–L
Type 15E–L
Type 18E–L
Oct. 2012
01
126


Similar Part No. - ELC15E560L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC15E2R2DE PANASONIC-ELC15E2R2DE Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
ELC15E2R2DF PANASONIC-ELC15E2R2DF Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
ELC15E2R2OE PANASONIC-ELC15E2R2OE Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
ELC15E2R2OF PANASONIC-ELC15E2R2OF Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
More results

Similar Description - ELC15E560L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC09D2R2 PANASONIC-ELC09D2R2 Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
logo
Frontier Electronics.
18401 FRONTIER-18401_15 Datasheet
135Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
18403 FRONTIER-18403_15 Datasheet
125Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
logo
Sumida Corporation
EER359 SUMIDA-EER359 Datasheet
437Kb / 1P
   Transformer
logo
TDK Electronics
B82451A2384D000 TDK-B82451A2384D000 Datasheet
522Kb / 6P
   SMT Inductors Transponder Coils, Size
logo
Murata Manufacturing Co...
DLM11GN601SD2 MURATA1-DLM11GN601SD2_V01 Datasheet
262Kb / 3P
   Small size chip common mode choke coil.
Last updated07/27/2022
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
logo
TDK Electronics
B82450A1084C000 TDK-B82450A1084C000 Datasheet
113Kb / 6P
   SMT inductors Transponder coils, size 1210
logo
Panasonic Semiconductor
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com