Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP90080 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90080
Description  Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP90080 Datasheet(HTML) 3 Page - Texas Instruments

  LMP90080 Datasheet HTML 1Page - Texas Instruments LMP90080 Datasheet HTML 2Page - Texas Instruments LMP90080 Datasheet HTML 3Page - Texas Instruments LMP90080 Datasheet HTML 4Page - Texas Instruments LMP90080 Datasheet HTML 5Page - Texas Instruments LMP90080 Datasheet HTML 6Page - Texas Instruments LMP90080 Datasheet HTML 7Page - Texas Instruments LMP90080 Datasheet HTML 8Page - Texas Instruments LMP90080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
1
VA
2
VIN0
3
VIN1
4
VIN2
5
VIN3
6
VIN4
7
VIN5
8
VREFP1
9
VREFN1
10
VIN6/VREFP2
11
12
28
27
26
25
24
23
22
21
20
19
18
17
VIO
D6 / DRDYB
D5
D4
D3
D2
D1
D0
SDO/DRDYB
SDI
SCLK
13
14
LMP900xx
16
15
VIN7/VREFN2
IB2
IB1
XOUT
CSB
GND
XIN/CLK
LMP90080/
LMP90078 only
LMP90080/
LMP90079 only
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521F – JULY 2011 – REVISED MARCH 2013
True Continuous Background Calibration
The LMP90080/LMP90079/LMP90078/LMP90077 feature a 16 bit
ΣΔ core with continuous background
calibration to compensate for gain and offset errors in the ADC, virtually eliminating any drift with time and
temperature. The calibration is performed in the background without user or ADC input interruption, making it
unique in the industry and eliminating down time associated with field calibration required with other solutions.
Having this continuous calibration improves performance over the entire life span of the end product.
Continuous Background Sensor Diagnostics
Sensor diagnostics are also performed in the background, without interfering with signal path performance,
allowing the detection of sensor shorts, opens, and out-of-range signals, which vastly improves system reliability.
In addition, the fully flexible input multiplexer described below allows any input pin to be connected to any ADC
input channel providing additional sensor path diagnostic capability.
Flexible Input MUX Channels
The flexible input MUX allows interfacing to a wide range of sensors such as thermocouples, RTDs, thermistors,
and bridge sensors. The LMP90080/LMP90079’s multiplexer supports 4 differential channels while the
LMP90078/LMP90077 supports 2. Each effective input voltage that is digitized is VIN = VINX – VINY, where x and y
are any input. In addition, the input multiplexer of the LMP90080/LMP90079 also supports 7 single-ended
channels (LMP90078/LMP90077 supports 4), where the common ground is any one of the inputs.
Programmable Gain Amplifiers (FGA & PGA)
The LMP90080/LMP90079/LMP90078/LMP90077 contain an internal 16x fixed gain amplifier (FGA) and a 1x,
2x, 4x, or 8x programmable gain amplifier (PGA). This allows accurate gain settings of 1x, 2x, 4x, 8x, 16x, 32x,
64x, or 128x through configuration of internal registers. Having an internal amplifier eliminates the need for
external amplifiers that are costly, space consuming, and difficult to calibrate.
Excitation Current Sources (IB1 & IB2) - LMP90080/LMP90078
Two matched internal excitation currents, IB1 and IB2, can be used for sourcing currents to a variety of sensors.
The current range is from 100 µA to 1000 µA in steps of 100 µA.
Connection Diagram
Figure 2. 28-pin HTSSOP
See Pin Descriptions table below for specific information regarding options LMP90079, LMP90078, and
LMP90077.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080


Similar Part No. - LMP90080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90080MH TI1-LMP90080MH Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080MH/NOPB NSC-LMP90080MH/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90080MHE TI1-LMP90080MHE Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
More results

Similar Description - LMP90080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Allegro MicroSystems
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com