Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1566 Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-1566
Description  MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1566 Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-1566 Datasheet HTML 1Page - Holt Integrated Circuits HI-1566 Datasheet HTML 2Page - Holt Integrated Circuits HI-1566 Datasheet HTML 3Page - Holt Integrated Circuits HI-1566 Datasheet HTML 4Page - Holt Integrated Circuits HI-1566 Datasheet HTML 5Page - Holt Integrated Circuits HI-1566 Datasheet HTML 6Page - Holt Integrated Circuits HI-1566 Datasheet HTML 7Page - Holt Integrated Circuits HI-1566 Datasheet HTML 8Page - Holt Integrated Circuits HI-1566 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DC ELECTRICAL CHARACTERISTICS (cont.)
VDD = 5.0V, GND = 0V, T = Operating Temperature Range (unless otherwise specified).
A
AC ELECTRICAL CHARACTERISTICS
VDD = 5.0V, GND = 0V, T =Operating Temperature Range (unless otherwise specified).
A
HI-1565, HI-1566
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Output Voltage
Direct coupled
35 ohm load
7.0
9.0
Vp-p
(Measured at Point “A “ in Figure 3)
70
20.0
27.0
Vp-p
Output Noise
V
Differential, inhibited
10.0
mVp-p
Output Dynamic Offset Voltage
V
-90
90
mV
-250
250
mV
Output resistance
R
Differential, not transmitting
10
Kohm
Output Capacitance
C
1 MHz sine wave
15
pF
TRANSMITTER
(Measured at Point “A ” in Figure 3 unless otherwise specified)
D
D
V
Transformer coupled
V
ohm load
(Measured at Point “A “ in Figure 4)
Direct coupled
35 ohm load
(Measured at Point “A “ in Figure 3)
Transformer coupled
V
70 ohm load
(Measured at Point “A “ in Figure 4)
OUT
OUT
DYN
T
D
T
ON
DYN
OUT
OUT
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Driver Delay
t
TXA/B, TXA/B to BUSA/B, BUSA/B
150
ns
Rise time
tr
35 ohm load
100
300
ns
Fall Time
tf
35 ohm load
100
300
ns
Inhibit Delay
t
Inhibited output
100
ns
t
Active output
150
ns
RECEIVER
TRANSMITTER
(Measured at Point “A ” in Figure 4 unless otherwise specified)
(Measured at Point “A ” in Figure 3)
T
Receiver Delay
t
From input zero crossing to RXA/B
450
ns
or
Receiver gap time
t
Spacing between RXA/B
90
365
ns
and
pulses.
1 MHz sine wave applied at point “AT” Figure 4,
amplitude range 0.86 Vp-p to 27.0Vp-p
Receiver Enable Delay
t
From STROBE rising or falling edge to
40
ns
RXA/B or
DR
RG
REN
RXA/B
RXA/B
RXA/B
D
DT
DI-H
DI-L
Transceiver A
Transceiver B
HI-1565 / HI-1566
MIL-STD-1553
Stub Coupler
MIL-STD-1553
BUS A
(Direct Coupled)
MIL-STD-1553
BUS B
(Transformer Coupled)
Isolation
Transformer
52.5
W
55
W
BUS B
52.5
W
55
W
BUS B
BUS A
BUS A
1:1.4
1:1.79
1:2.5
Isolation
Transformer
Figure 2. Bus Connecton Example using HI-1565 or HI-1566
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-1566

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1566 HOLTIC-HI-1566 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1566 HOLTIC-HI-1566 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1566CDI HOLTIC-HI-1566CDI Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1566CDM HOLTIC-HI-1566CDM Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1566CDT HOLTIC-HI-1566CDT Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1566

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
   ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
   ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
   ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com