Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1565 Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-1565
Description  MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1565 Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-1565_13 Datasheet HTML 2Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 3Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 4Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 5Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 6Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 7Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 8Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 9Page - Holt Integrated Circuits HI-1565_13 Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ORDERING INFORMATION
HI -
(Plastic)
156x xx x x
transformers. Holt recommends Premier Magnetics parts
as offering the best combination of electrical perfor-
mance, low cost and small footprint.
HI -
(Ceramic)
156xCD x
RECOMMENDED TRANSFORMERS
The HI-1565 and HI-1566 transceivers have been
characterized for compliance with the electrical require-
ments of MIL-STD-1553 when used with the following
20 PIN CERAMIC SIDE BRAZED DIP (20C)
RXENB = 0
PART
NUMBER
1566CD
1565CD
RXA RXA RXB
0
1
0
1
0
1
0
1
RXB
20 PIN CERAMIC SIDE BRAZED DIP (20C)
PACKAGE
DESCRIPTION
RXENA = 0
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
PART
NUMBER
T
I
-55°C TO +125°C
YES
M
M
Tin / Lead (Sn / Pb) Solder
LEAD
FINISH
Gold (Pb-free, RoHS compliant)
Gold (Pb-free, RoHS compliant)
RXENB = 0
PART
NUMBER
1566
1565
RXA RXA RXB
0
1
0
1
0
1
0
1
RXB
RXENA = 0
PACKAGE
DESCRIPTION
20 PIN PLASTIC ESOIC, Thermally Enhanced Wide SOIC w/Heat Sink (20HWE)
44 PIN PLASTIC CHIP-SCALE LPCC (44PCS) not available with ‘M’ flow
PART
NUMBER
PS
PC
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
PART
NUMBER
T
I
-55°C TO +125°C
YES
M
M
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Blank
Tin / Lead (Sn / Pb) Solder
HI-1565, HI-1566
MANUFACTURER
PART NUMBER
APPLICATION
TURNS RATIO(S)
DIMENSIONS
Premier Magnetics
PM-DB2798S
Isolation
Dual tapped 1:1.79, 1:2.5
.4x4x .185 inches
Premier Magnetics
PM-DB2725EX
Isolation
Dual tapped 1:1.79, 1:2.5
.4 x .4 x .242 inches
Premier Magnetics
PM-DB2745S
Isolation
Dual core 1:1.79, 1:2.5
.63 x .93 x .159 inches
Premier Magnetics
PM-DB2702
Stub coupling
1:1.4
.625 x .625 x .250 inches
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-1565_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1565CDI HOLTIC-HI-1565CDI Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1565CDM HOLTIC-HI-1565CDM Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1565CDT HOLTIC-HI-1565CDT Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1565PCI HOLTIC-HI-1565PCI Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1565PCIF HOLTIC-HI-1565PCIF Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1565_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
   ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
   ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
   ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com