Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGQ200S24Z Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AGQ200S24Z
Description  High capacity 2 Amp, Flat and Compact package Telephone switchboard
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGQ200S24Z Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AGQ200S24Z Datasheet HTML 1Page - Panasonic Semiconductor AGQ200S24Z Datasheet HTML 2Page - Panasonic Semiconductor AGQ200S24Z Datasheet HTML 3Page - Panasonic Semiconductor AGQ200S24Z Datasheet HTML 4Page - Panasonic Semiconductor AGQ200S24Z Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GQ (AGQ)
ASCTB7E 201209-T
2. Surface-mount terminal
Schematic (Top view)
NOTES
Type
External dimensions
Suggested mounting pad (Tolerance:
±0.1 ±.004)
Single side stable/1 coil latching/High sensitivity single side stable
Single side stable/1 coil latching/High sensitivity single side stable
A type
S type
CAD Data
10.60
±0.3
0.40
±0.1
Max. 5.40
8.40
±0.3
3.20
±0.15
2.20
±0.15
2.20
±0.15
7.20
±0.3
0.20
±0.1
5.08
±0.15
.417
±.012
.016
±.004
.213
.331
±.012
.126
±.006
.087
±.006
.087
±.006
.283
±.012
.008
±.004
.200
±.006
3.20
2.20
2.20
0.80
2.66 6.74
.126
.087
.087
.031
.105 .265
10.60
±0.3
Max. 5.40
0.40
±0.1
3.20
±0.15
2.20
±0.15
2.20
±0.15
7.20
±0.3
7.20
±0.3
0.20
±0.1
5.08
±0.15
.417
±.012
.213
.016
±.004
.126
±.006
.087
±.006
.087
±.006
.283
±.012
.283
±.012
.008
±.004
.200
±.006
3.20
2.20
2.20
0.80
2.06
6.14
.126
.087
.087
.031
.081
.242
Single side stable
High sensitivity single side stable
(Deenergized condition)
1 coil latcing
(Reset condition)
Direction indication
4
3
2
1
5
6
7
8
Direction indication
4
3
2
1
5
6
7
8
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing
(A type)
(1)-1 Tape dimensions
mm inch
(S type)
(1)-2 Tape dimensions
(2) Dimensions of plastic peel
mm inch
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A :
9.8 N {1 kgf} or less
Chucking pressure in the direction B :
9.8 N {1 kgf} or less
Chucking pressure in the direction C :
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be also
avoided.
Orientation (indicates PIN No.1) stripe
Stopper (green)
Stopper (red)
Orientation (indicates PIN No.1) stripe
Stopper (green)
Stopper (red)
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
1.50
dia.
4.00
0.40
1.75
2.00 dia.
2.0
12.0
9.0
Max. 6.55
24.0
±0.3
11.1
11.5
+0.1
0
+.003
.0
GQ relays
.157
.016
.069
.079 dia.
.079
.472
.354
.256
.945
±.012
.437
.453
.059
dia.
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
4.0
0.40
1.75
2.00 dia.
2.0
12.0
7.8
Max. 6.55
11.5
1.50
dia.
+0.1
0
+.003
.0
GQ relays
11.1
24.0
±0.3
.157
.016
.069
.079 dia.
.079
.472
.307
.256
.453
.437
.945
±.012
.059
dia.
21 dia.
13 dia.
2.0
.827 dia.
.512 dia.
.079
80
±1 dia.
3.150
±.039 dia.
330
±2 dia.
12.992
±.079 dia.
For general cautions for use,
please refer to the “Cautions for
use of Signal Relays” or “General
Application Guidelines”.
A
C
B


Similar Part No. - AGQ200S24Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGQ200S24Z NAIS-AGQ200S24Z Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
More results

Similar Description - AGQ200S24Z

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
   SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
logo
Grayhill, Inc
62S GRAYHILL-62S Datasheet
484Kb / 2P
   Compact 1/2' Package
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com