Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF7416Q Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRF7416Q
Description  Advanced Process Technology Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7416Q Datasheet(HTML) 4 Page - International Rectifier

  AUIRF7416Q Datasheet HTML 1Page - International Rectifier AUIRF7416Q Datasheet HTML 2Page - International Rectifier AUIRF7416Q Datasheet HTML 3Page - International Rectifier AUIRF7416Q Datasheet HTML 4Page - International Rectifier AUIRF7416Q Datasheet HTML 5Page - International Rectifier AUIRF7416Q Datasheet HTML 6Page - International Rectifier AUIRF7416Q Datasheet HTML 7Page - International Rectifier AUIRF7416Q Datasheet HTML 8Page - International Rectifier AUIRF7416Q Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AUIRF7416Q
4
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
0.1
1
10
DS
20μs PULSE WIDTH
T = 25°C
A
-V
, Drain-to-Source Voltage (V)
J
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
1
10
100
0.1
1
10
DS
A
-V
, Drain-to-Source Voltage (V)
-3.0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTTOM - 3.0V
20μs PULSE WIDTH
T = 150°C
J
1
10
100
3.0
3.5
4.0
4.5
5.0
5.5
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -10V
20μs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I = -5.6A
D


Similar Part No. - AUIRF7416Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7416Q INFINEON-AUIRF7416Q Datasheet
293Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7416QTR INFINEON-AUIRF7416QTR Datasheet
293Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF7416Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3607 IRF-AUIRFS3607 Datasheet
289Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRF2903ZS IRF-AUIRF2903ZS Datasheet
235Kb / 14P
   Advanced Process Technology Low On-Resistance
AUIRFS6535 IRF-AUIRFS6535 Datasheet
272Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRFR4615 IRF-AUIRFR4615 Datasheet
295Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRF7207Q IRF-AUIRF7207Q Datasheet
241Kb / 8P
   Advanced Process Technology Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com