Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF7316QTR Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRF7316QTR
Description  Advanced Planar Technology Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7316QTR Datasheet(HTML) 2 Page - International Rectifier

  AUIRF7316QTR Datasheet HTML 1Page - International Rectifier AUIRF7316QTR Datasheet HTML 2Page - International Rectifier AUIRF7316QTR Datasheet HTML 3Page - International Rectifier AUIRF7316QTR Datasheet HTML 4Page - International Rectifier AUIRF7316QTR Datasheet HTML 5Page - International Rectifier AUIRF7316QTR Datasheet HTML 6Page - International Rectifier AUIRF7316QTR Datasheet HTML 7Page - International Rectifier AUIRF7316QTR Datasheet HTML 8Page - International Rectifier AUIRF7316QTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AUIRF7316Q
www.irf.com
2
 Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 35mH, RG = 25Ω, IAS = -2.8A.
ƒ ISD ≤ -2.8A, di/dt ≤ 150A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Surface mounted on FR-4 board, t ≤ 10sec.
Notes:
S
D
G
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.022 –––
V/°C
––– 0.042 0.058
––– 0.076 0.098
VGS(th)
Gate Threshold Voltage
-1.0
–––
-3.0
V
gfs
Forward Transconductance
–––
7.7
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-25
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
23
34
Qgs
Gate-to-Source Charge
–––
3.8
5.7
Qgd
Gate-to-Drain ("Miller") Charge
–––
5.9
8.9
td(on)
Turn-On Delay Time
–––
13
19
tr
Rise Time
–––
13
20
td(off)
Turn-Off Delay Time
–––
34
51
tf
Fall Time
–––
32
48
Ciss
Input Capacitance
–––
710
–––
Coss
Output Capacitance
–––
380
–––
Crss
Reverse Transfer Capacitance
–––
180
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
––– -0.78 -1.0
V
trr
Reverse Recovery Time
–––
44
66
ns
TJ = 25°C,IF = -1.7A
Qrr
Reverse Recovery Charge
–––
42
63
nC di/dt = 100A/μsf
VDS = VGS, ID = -250μA
Conditions
VDS = -15V, ID = -4.9A
ID = -4.9A
VGS = -20V
RDS(on)
Static Drain-to-Source On-Resistance
Ω
VGS = -4.5V, ID = -3.6Af
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -4.9A f
TJ = 25°C, IS = -1.7A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
MOSFET symbol
showing the
A
pF
ns
nC
VDS = -25V
ƒ = 1.0MHz,See Fig.5
nA
μA
VDS = -24V, VGS = 0V
VDS = -24V, VGS = 0V, TJ = 55°C
VGS = -10V, See Fig.10 fÃ
VGS = 20V
VDS = -15V
VDD = -15V
ID = -1.0A
RG = 6.0Ω
RD = 15Ω f
VGS = 0V
-30
–––
–––
–––
–––
-2.5


Similar Part No. - AUIRF7316QTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7316QTR INFINEON-AUIRF7316QTR Datasheet
261Kb / 8P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF7316QTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
   Advanced Planar Technology Low On-Resistance
AUIRFL024N IRF-AUIRFL024N Datasheet
190Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com