Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX24-3TQ208I Datasheet(PDF) 11 Page - Microsemi Corporation

Part # A42MX24-3TQ208I
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX24-3TQ208I Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button A42MX24-3TQ208I Datasheet HTML 7Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 8Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 9Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 10Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 11Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 12Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 13Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 14Page - Microsemi Corporation A42MX24-3TQ208I Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1-7
MultiPlex I/O Modules
42MX devices feature Multiplex I/Os and support 5.0V, 3.3V, and mixed 3.3V/5.0V operations.
The MultiPlex I/O modules provide the interface between the device pins and the logic array. Figure 1-9
is a block diagram of the 42MX I/O module. A variety of user functions, determined by a library macro
selection, can be implemented in the module. (Refer to the Antifuse Macro Library Guide for more
information.) All 42MX I/O modules contain tristate buffers, with input and output latches that can be
configured for input, output, or bidirectional operation.
All 42MX devices contain flexible I/O structures, where each output pin has a dedicated output-enable
control (Figure 1-9). The I/O module can be used to latch input or output data, or both, providing fast set-
up time. In addition, the Designer software tools can build a D-type flip-flop using a C-module combined
with an I/O module to register input and output signals. Refer to the Antifuse Macro Library Guide for
more details.
A42MX24 and A42MX36 devices also offer selectable PCI output drives, enabling 100% compliance with
version 2.1 of the PCI specification. For low-power systems, all inputs and outputs are turned off to
reduce current consumption to below 500
μA.
To achieve 5.0V or 3.3V PCI-compliant output drives on A42MX24 and A42MX36 devices, a chip-wide
PCI fuse is programmed via the Device Selection Wizard in the Designer software (Figure 1-10). When
the PCI fuse is not programmed, the output drive is standard.
Designer software development tools provide a design library of I/O macro functions that can implement
all I/O configurations supported by the MX FPGAs.
Note:
*Can be configured as a Latch or D Flip-Flop (Using
C-Module)
Figure 1-9 •
42MX I/O Module
Figure 1-10 • PCI Output Structure of A42MX24 and A42MX36 Devices
Q
D
From Array
To Array
G/CLK*
G/CLK*
Q
D
PAD
EN
Signal
PCI Enable
PCI
Fuse
Drive
STD
Output


Similar Part No. - A42MX24-3TQ208I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX24-3TQ100 ETC1-A42MX24-3TQ100 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-3TQ100 MICROSEMI-A42MX24-3TQ100 Datasheet
2Mb / 173P
   40MX and 42MX FPGA
logo
List of Unclassifed Man...
A42MX24-3TQ100A ETC1-A42MX24-3TQ100A Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-3TQ100A MICROSEMI-A42MX24-3TQ100A Datasheet
2Mb / 173P
   40MX and 42MX FPGA
logo
List of Unclassifed Man...
A42MX24-3TQ100B ETC1-A42MX24-3TQ100B Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
More results

Similar Description - A42MX24-3TQ208I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com