Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF7309Q Datasheet(PDF) 10 Page - International Rectifier

Part # AUIRF7309Q
Description  Advanced Planar Technology Low On-Resistance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7309Q Datasheet(HTML) 10 Page - International Rectifier

Back Button AUIRF7309Q Datasheet HTML 6Page - International Rectifier AUIRF7309Q Datasheet HTML 7Page - International Rectifier AUIRF7309Q Datasheet HTML 8Page - International Rectifier AUIRF7309Q Datasheet HTML 9Page - International Rectifier AUIRF7309Q Datasheet HTML 10Page - International Rectifier AUIRF7309Q Datasheet HTML 11Page - International Rectifier AUIRF7309Q Datasheet HTML 12Page - International Rectifier AUIRF7309Q Datasheet HTML 13Page - International Rectifier AUIRF7309Q Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AUIRF7309Q
10
www.irf.com
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
• dv/dt controlled by RG
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
* Reverse Polarity for P-Channel
** Use P-Channel Driver for P-Channel Measurements
Peak Diode Recovery dv/dt Test Circuit
*** VGS = 5.0V for Logic Level and 3V Drive Devices
Fig 24. For N and P Channel HEXFETS


Similar Part No. - AUIRF7309Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7309Q INFINEON-AUIRF7309Q Datasheet
462Kb / 12P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7309QTR INFINEON-AUIRF7309QTR Datasheet
462Kb / 12P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF7309Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRFL024N IRF-AUIRFL024N Datasheet
190Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com