Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN210S06 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AGN210S06
Description  High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGN210S06 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AGN210S06 Datasheet HTML 1Page - Panasonic Semiconductor AGN210S06 Datasheet HTML 2Page - Panasonic Semiconductor AGN210S06 Datasheet HTML 3Page - Panasonic Semiconductor AGN210S06 Datasheet HTML 4Page - Panasonic Semiconductor AGN210S06 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GN (AGN)
ASCTB13E 201209-T
2. Surface-mount terminal
Schematic (Top view)
NOTES
Type
External dimensions
Suggested mounting pad (Tolerance:
±0.1 ±.004)
Single side stable/1 coil latching/High sensitivity single side stable
Single side stable/1 coil latching/High sensitivity single side stable
A type
S type
CAD Data
10.60
±0.3
5.70
±0.3
0.40
±0.1
(1.50)
3.20
±0.15
3.20
±0.15
0.25
±0.1
2.20
±0.15
7.40
±0.3
(0.50) 9.00±0.3 Max. 10.00
.417
±.012
.224
±.012
.016
±.004
(.059)
.126
±.006
.126
±.006
.010
±.004
.087
±.006
.291
±.012
(.020) .354±.012
.394
2.20
3.20
5.30
3.10
0.80
.087
.126
.209
.122
.031
10.60
±0.3
5.70
±0.3
3.20
±0.15
0.40
±0.1
(1.50)
0.25
±0.1
3.20
±0.15
2.20
±0.15
5.70
±0.3
(0.50) 9.00±0.3 Max. 10.00
.417
±.012
.224
±.012
.126
±.006
.016
±.004
(.059)
.010
±.004
.126
±.006
.087
±.006
.224
±.012
(.020) .354±.012
.394
2.20
3.20
4.45
2.25
0.80
.087
.126
.175
.089
.031
Single side stable
High sensitivity single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
1
234
8
765
Direction indication
5
6
7
8
2
13 4
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing
(A type)
(1)-1 Tape dimensions
mm inch
(S type)
(1)-2 Tape dimensions
(2) Dimensions of plastic peel
mm inch
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A:
4.9 N {500gf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be
avoided.
Orientation (indicates PIN No.1)stripe
Stopper (green)
Stopper (red)
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
4.00
1.75
0.40
10.70
±0.2
2.00
2.00 dia.
GN relays
16.00
8.00
11.50
24.00
±0.3
11.10
1.50
+0.1
0
dia.
.059
+.004
0
dia.
.157
.069
.016
.421
±.008
.079
.079 dia.
.630
.315
.453
.945
±.012
.437
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
1.50
+0.1
0
dia.
.059
+.004
0
dia.
2.0 dia.
4.00
1.75
10.70
±0.2
0.40
2.00
GN relays
16.00
6.3
11.50
11.10
24.00
±0.3
.079 dia.
.157
.069
.421
±.008
.016
.079
.630
.248
.453
.437
.945
±.012
2.0
.079
13 dia.
.512 dia.
21 dia.
.827 dia.
80 dia.
3.150 dia.
380 dia.
14.961 dia.
For general cautions for use,
please refer to the “Cautions for
use of Signal Relays” or “General
Application Guidelines”.
A
C
B


Similar Part No. - AGN210S06

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN210S06 NAIS-AGN210S06 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN210S06Z NAIS-AGN210S06Z Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results

Similar Description - AGN210S06

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
Allegro MicroSystems
ACS70331 ALLEGRO-ACS70331 Datasheet
1Mb / 26P
   High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com