Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S101C52S202DQ Datasheet(PDF) 1 Page - C&K Components

Part # S101C52S202DQ
Description  S Series Slide Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

S101C52S202DQ Datasheet(HTML) 1 Page - C&K Components

  S101C52S202DQ Datasheet HTML 1Page - C&K Components S101C52S202DQ Datasheet HTML 2Page - C&K Components S101C52S202DQ Datasheet HTML 3Page - C&K Components S101C52S202DQ Datasheet HTML 4Page - C&K Components S101C52S202DQ Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I–28
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
S Series
Slide Switches
Models Available
Features/Benefits
6 to 15 AMPS
Enclosed housing
PC and Snap-in panel mounting
Reversing option
RoHS compliant
Typical Applications
Portable tools
Small appliances
Floor care products
Specifications
CONTACT RATING: Q contact material (S1XX, S2XX Models):
6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @
125 V DC (UL/CSA). (S5XX, S6XX Models): 12 AMPS @
125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA).
(S7XX, S8XX Models): 15 AMPS @ 125 V AC; 6AMPS @
250 V AC (UL/CSA). See page J-31 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial
@ 2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: -30ºC to +65ºC
STORAGE TEMPERATURE: -30ºC to +85ºC
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages I–29 through I–32. For additional options not shown in catalog, consult Customer Service Center.
Materials
HOUSING: 6/6 nylon (UL94V-2), black.
TOP PLATE: 6/6 nylon (UL94V-2), black.
ACTUATOR: 6/6 nylon (UL94V-2), black (standard).
CONTACTS: Q contact material: Copper, silver plated. See page
I-31 for additional contact materials.
TERMINALS: Q contact material: Copper, silver plated. See page
I-31 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Switch Function
S101 SPST, 6 AMPS
S202 (DPDT, 6 AMPS
S802 DPDT, 15 AMPS
S102 SPDT, 6AMPS
S112 SPDT, mom., 6 AMPS
S201 DPST, 6 AMPS
S602 DPDT, 12 AMPS
S701 SPST, 15 AMPS
S702 SPDT, 15 AMPS
Mounting Style
SS Panel with mounting ears
MS PC thru-hole
S2 Snap-in panel with blacktop plate
TS Panel with mounting ears
Detent
1 With detent
2 Without detent
Actuator
03 .335" high
04 .500" high
09 .250" high
12 Screwdriver slot
(with marking)
13 Screwdriver slot
(without marking)
C2 Black cap
C3 Red cap
C5 Yellow cap
Contact Material
Q Silver
B Gold
G Gold over silver
Seal
NONE No seal
E Epoxy seal
Housing Markings
NONE No markings
D ON-OFF
L ON
M ON-OFF
N Red rectangle on one end
Terminations
03 Solder lug with hole
02 PC Thru-hole
04 PC Thru-hole
07 Quick connect
08 PC Thru-hole
WC Wire lead


Similar Part No. - S101C52S202DQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
S101C21SS02B ITT-S101C21SS02B Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02BE ITT-S101C21SS02BE Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DB ITT-S101C21SS02DB Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DBE ITT-S101C21SS02DBE Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DQ ITT-S101C21SS02DQ Datasheet
398Kb / 5P
   Slide Switches
More results

Similar Description - S101C52S202DQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
S201031MS02Q CK-COMPONENTS-S201031MS02Q Datasheet
340Kb / 5P
   S Series Slide Switches
S101031SS03Q CK-COMPONENTS-S101031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com