Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN210S03 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AGN210S03
Description  High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGN210S03 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AGN210S03 Datasheet HTML 1Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 2Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 3Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 4Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GN (AGN)
ASCTB13E 201209-T
3) High sensitivity single side stable type
*Pulse drive (JIS C 5442-1996)
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
REFERENCE DATA
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
80%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
66.7mA
22.5
100mW
150%V of
nominal voltage
3V DC
33.3mA
90
4.5V DC
22.2mA
202.5
6V DC
16.7mA
360
9V DC
11.1mA
810
12V DC
8.3mA
1,440
24V DC
5.0mA
4,800
120mW
120%V of
nominal voltage
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
Initial contact resistance, max.
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Stationary contact: AgPd+Au clad Movable contact: AgPd
Rating
Nominal switching capacity
1 A 30 V DC, 0.3 A 125 V AC (resistive load)
Max. switching power
30 W (DC), 37.5 V A (AC) (resistive load)
Max. switching voltage
110 V DC, 125 V AC
Max. switching current
1 A
Min. switching capacity (Reference value)*1
10
µA 10 mV DC
Nominal operating
power
Single side stable
140mW (1.5 to 12 V DC), 230mW (24 V DC)
High sensitivity single side
stable type
100mW (1.5 to 12 V DC), 120mW (24 V DC)
1 coil latching
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
750 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
1,500 Vrms for 1min. (Detection current: 10mA)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA)
Surge breakdown
voltage (Initial)
Between open contacts
1,500 V (10
×160µs) (FCC Part 68)
Between contacts and coil
2,500 V (2
×10µs) (Telcordia)
Temperature rise (at 20
°C 68°F)
Max. 50
°C
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 1A.)
Operate time [Set time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 750 m/s2 (Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 5
× 107 (at 180 cpm)
Electrical
Min. 105 (1 A 30 V DC resistive), 105 (0.3 A 125 V AC resistive) (at 20 cpm)
Conditions
Conditions for operation, transport and storage*2
Ambient temperature:
(Single side stable, 1 coil latching type) –40
°C to +85°C –40°F to +185°F
(High sensitivity single side stable type) –40
°C to +70°C –40°F to +158°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 1 g .035 oz
1. Max. switching capacity
2. Life curve
3. Mechanical life
Tested sample: AGN2004H, 15 pcs.
Operating speed: 180 cpm
30
100
Contact voltage, V
1.0
0.3
DC resistive load
AC resistive load
Switching current, A
0.2
0.4
0.6
0.8
1.0
1.2
100
50
30
40
20
10
0
DC 30V resistive load
AC 125V
resistive load
4
3.5
3
2.5
2
1.5
1
0.5
10
0
Max.
Min.
30
50
0
Max.
Min.
Pick-up voltage
Drop-out voltage
No. of operations,
×104


Similar Part No. - AGN210S03

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN210S03 NAIS-AGN210S03 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN210S03Z NAIS-AGN210S03Z Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results

Similar Description - AGN210S03

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
Allegro MicroSystems
ACS70331 ALLEGRO-ACS70331 Datasheet
1Mb / 26P
   High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com