Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRF4N3ZFB Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELJRF4N3ZFB
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF4N3ZFB Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ELJRF4N3ZFB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF4N3ZFB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF4N3ZFB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF4N3ZFB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF4N3ZFB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF4N3ZFB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF4N3ZFB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF4N3ZFB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0
+0.3
0.4±0.2
(1.2)
–0.2
3.0 to 3.8
1.0 to 1.2
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJND10N
□F10
K : ±10 %
100
10
100
3300
0.18
540
ELJND12N
□F
12
3300
0.24
535
ELJND15N
□F15
12
3000
0.24
520
ELJND18N
□F
18
3000
0.29
480
ELJND22N
□F
22
2600
0.29
465
ELJND27N
□F27
15
2500
0.34
455
ELJND33N
□F33
K : ±10 %
or
J : ± 5 %
2050
0.39
395
ELJND39N
□F
39
2000
0.41
390
ELJND47N
□F
47
1650
0.46
385
ELJND56N
□F
56
1550
0.51
360
ELJND68N
□F
68
1450
0.57
340
ELJND82N
□F
82
1100
0.63
330
ELJNDR10
□F
100
25.2
8
25.2
800
0.86
285
ELJNDR12
□F
120
600
0.99
275
ELJNDR15
□F
150
10
600
1.47
230
ELJNDR18
□F
180
600
1.61
195
ELJNDR22
□F
220
500
1.84
170
ELJNDR27
□F
270
300
1.95
165
ELJNDR33
□F
330
200
2.16
160
ELJNDR39
□F
390
150
2.37
150
ELJNDR47
□F
470
150
2.56
145
ELJNDR56
□F
560
100
2.69
140
ELJNDR68
□F
680
100
3.02
130
ELJNDR82
□F
820
80
3.38
125
ELJND1R0
□F
1000
7.96
8
7.96
80
3.88
120
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
ND Type 2012 (0805)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Parts
□ : Symbol of Tolerance
Standard Packing Quantity
● 3000 pcs./Reel
Sep. 2012
01
8


Similar Part No. - ELJRF4N3ZFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF4N3 PANASONIC-ELJRF4N3 Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJRF4N3 PANASONIC-ELJRF4N3 Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF4N3DZF2 PANASONIC-ELJRF4N3DZF2 Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJRF4N3FB PANASONIC-ELJRF4N3FB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF4N3FB PANASONIC-ELJRF4N3FB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRF4N3ZFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
logo
List of Unclassifed Man...
DSP-15P ETC2-DSP-15P Datasheet
167Kb / 1P
   Panel RoHS Compliant NA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com