Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALE1PF06 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ALE1PF06
Description  1a 16A power relay for micro wave oven Microwave ovens Refrigerators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALE1PF06 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ALE1PF06 Datasheet HTML 1Page - Panasonic Semiconductor ALE1PF06 Datasheet HTML 2Page - Panasonic Semiconductor ALE1PF06 Datasheet HTML 3Page - Panasonic Semiconductor ALE1PF06 Datasheet HTML 4Page - Panasonic Semiconductor ALE1PF06 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LE (ALE)
ASCTB194E 201202-T
2. Specifications
* Specifications will vary with foreign standards certification ratings.
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Contact material
AgSnO2 type
Arrangement
1 Form A
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Rating
Nominal switching capacity (resistive load)
16A 277V AC
Max. switching power (resistive load)
4,432VA
Max. switching voltage
277V AC
Max. switching current
16A
Nominal operating power
400mW (Standard type), 200mW (High sensitive type)
Min. switching capacity (reference value)*1
100mA, 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
4,000 Vrms for 1 min. (Detection current: 10 mA)
Temperature rise (coil)
Max. 55
°C 131°F, Max. 45°C 113°F (200mW type) (By resistive method, nominal coil voltage
applied to the coil; contact carrying current: 16A, at 20
°C 68°F)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
10,000 V
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 20 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 20 ms, Max. 25 ms (200mW type) (excluding contact bounce time) (With diode)
Mechanical
characteristics
Shock resistance
Functional
200 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.5 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Expected life
Mechanical (at 180 times/min.)
Min. 2
×106
Electrical (at 20 times/min.)
Min. 105 (at resistive load)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +85°C –40°F to +185°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 17 g .60 oz, Approx. 15 g .53 oz (PCB type)
1-1. Coil temperature rise (400mW type)
Sample: ALE14B12, 6 pcs.
Point measured: coil inside
Ambient temperature: 25
°C 77°F, 85°C 185°F
1-2. Coil temperature rise (200mW type)
Sample: ALE74B12, 6 pcs.
Point measured: coil inside
Ambient temperature: 23.7
°C 74.66°F, 85°C 185°F
2. Life curve
80
0
0
10
20
30
40
Coil applied voltage, %V
50
60
100
145
12A
12A
16A
0A
16A
0A
85
°C
25
°C
80
0
0
5
10
15
20
Coil applied voltage, %V
25
30
100
145
16A
0A
16A
0A
85
°C
23.7
°C
100
10
1
2
0
468
10
12
14
16
250V AC resistive load
Contact current, A


Similar Part No. - ALE1PF06

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ALE1P-2M4-10-Z COPAL-ALE1P-2M4-10-Z Datasheet
438Kb / 4P
   Standard Lever & Rocker Switches
ALE1P-5M4-10-Z COPAL-ALE1P-5M4-10-Z Datasheet
438Kb / 4P
   Standard Lever & Rocker Switches
More results

Similar Description - ALE1PF06

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com