Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGQ210S1H Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AGQ210S1H
Description  High capacity 2 Amp, Flat and Compact package Telephone switchboard
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGQ210S1H Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AGQ210S1H Datasheet HTML 1Page - Panasonic Semiconductor AGQ210S1H Datasheet HTML 2Page - Panasonic Semiconductor AGQ210S1H Datasheet HTML 3Page - Panasonic Semiconductor AGQ210S1H Datasheet HTML 4Page - Panasonic Semiconductor AGQ210S1H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GQ (AGQ)
ASCTB7E 201209-T
ORDERING INFORMATION
High capacity 2 Amp,
Flat and Compact package
GQ RELAYS (AGQ)
FEATURES
1. High capacity: 2 A
2. Compact flat body saves space
With a small footprint of 10.6 mm (L)
×
7.2 mm (W) .417 inch (L)
× .283 inch
(W) for space savings, it also has a
very short height of 5.2 mm .205 inch.
(Standard PC board type.)
RoHS compliant
3. High sensitivity single side stable
type (Nominal operating power:
100mW) is available
4. Outstanding surge resistance.
Surge breakdown voltage between
contacts and coil:
2,500 V 2
×10 µs (Telcordia)
Surge breakdown voltage between
open contacts:
1,500 V 10
×160 µs (FCC part 68)
5. The use of twin crossbar contacts
ensures high contact reliability.
AgPd contact is used because of its
good sulfide resistance. Adopting low-
gas molding material. Coil assembly
molding technology which avoids
generating volatile gas from coil.
6. Increased packaging density
Due to highly efficient magnetic circuit
design, leakage flux is reduced and
changes in electrical characteristics
from components being mounted
close-together are minimized. This all
means a packaging density higher
than ever before.
7. Nominal operating power: 140 mW
8. Outstanding vibration and shock
resistance.
Functional shock resistance: 750 m/s2
Destructive shock resistance:
1,000 m/s2
Functional vibration resistance:
10 to 55 Hz (at double amplitude of
3.3 mm .130 inch)
Destructive vibration resistance:
10 to 55 Hz (at double amplitude of
5 mm .197 inch)
9. Sealed construction allows
automatic washing.
TYPICAL APPLICATIONS
1. Telephone switchboard
2. Telecommunications equipment
3. Security
4. Measurement equipment
5. Consumer electronic and audio
visual equipment
Nominal coil voltage (DC)
1H: 1.5V 03: 3V 4H: 4.5V 06: 6V 09: 9V
12: 12V 24: 24V
Contact arrangement
2: 2 Form C
Type of operation
0: Standard type (B.B.M.)
AGQ
2
0
Operating function
0: Single side stable
1: 1 coil latching
6: High sensitivity single side
stable type
Terminal shape
Nil:
A:
S:
Standard PC board terminal
Surface-mount terminal A type
Surface-mount terminal S type
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel packing (picked from 1/2/3/4 pin side)
Tape and reel packing (picked from 5/6/7/8 pin side)


Similar Part No. - AGQ210S1H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGQ210S1HZ NAIS-AGQ210S1HZ Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
More results

Similar Description - AGQ210S1H

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
   SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
logo
Grayhill, Inc
62S GRAYHILL-62S Datasheet
484Kb / 2P
   Compact 1/2' Package
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com