Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFS250 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # IRFS250
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFS250 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  IRFS250 Datasheet HTML 1Page - Fairchild Semiconductor IRFS250 Datasheet HTML 2Page - Fairchild Semiconductor IRFS250 Datasheet HTML 3Page - Fairchild Semiconductor IRFS250 Datasheet HTML 4Page - Fairchild Semiconductor IRFS250 Datasheet HTML 5Page - Fairchild Semiconductor IRFS250 Datasheet HTML 6Page - Fairchild Semiconductor IRFS250 Datasheet HTML 7Page - Fairchild Semiconductor IRFS250 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. C, November 2001
©2001 Fairchild Semiconductor Corporation
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - IRFS250

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS250 ISC-IRFS250 Datasheet
265Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS250A IRF-IRFS250A Datasheet
258Kb / 7P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRFS250A ISC-IRFS250A Datasheet
64Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFS250

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com