Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6D6C60F1LFS Datasheet(PDF) 4 Page - C&K Components

Part # D6D6C60F1LFS
Description  SPST Momentary Key Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

D6D6C60F1LFS Datasheet(HTML) 4 Page - C&K Components

  D6D6C60F1LFS Datasheet HTML 1Page - C&K Components D6D6C60F1LFS Datasheet HTML 2Page - C&K Components D6D6C60F1LFS Datasheet HTML 3Page - C&K Components D6D6C60F1LFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
D–22
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
BTND6 Buttons must be ordered separately. Shipped in bulk.
NOTE: Only compatible with D6C.
D6
SPST Momentary Key Switches
OPTION
BUTTON
CODE
COLOR
00
WHITE
10
GRAY
30
YELLOW
40
RED
50
GREEN
60
BLUE
90
BLACK
A
A
B
B
12,4
9,2
5,6
2,2
27?
1,2
0
-0,05
0,3
4,1
2,7
0
-0,1
ÿ
12,1
COUPE A-
A
VOIR DETAI
L C
COUPE B-B
DETAIL C
ECHELLE 10,000
0,02
B
B
B
0,02
(0.086)
(0.488 )
BUTTON AVAILABLE
12,4


Similar Part No. - D6D6C60F1LFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6D0112N ETC2-D6D0112N Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0206N ETC2-D6D0206N Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0206S ETC2-D6D0206S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D6D0212N ETC2-D6D0212N Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
More results

Similar Description - D6D6C60F1LFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
logo
List of Unclassifed Man...
D6R90LFS ETC2-D6R90LFS Datasheet
227Kb / 4P
   SPST Momentary Key Switches
logo
C&K Components
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6 CK-COMPONENTS-D6 Datasheet
476Kb / 4P
   SPST Momentary Key Switches
21 Feb 22
logo
ITT Industries
D6C00 ITT-D6C00 Datasheet
102Kb / 4P
   SPST Momentary Key Switches
logo
List of Unclassifed Man...
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
   Momentary or latching action key switches
logo
Analog Devices
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
   SPST Switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com