Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-40EPF04PbF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-40EPF04PbF
Description  Fast Soft Recovery Rectifier Diode, 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-40EPF04PbF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-40EPF04PbF Datasheet HTML 1Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 2Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 3Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 4Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 5Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 6Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 7Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 8Page - Vishay Siliconix VS-40EPF04PbF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-40EPF0.PbF Series, VS-40EPF0.-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 18-Jun-13
5
Document Number: 94102
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Recovery Current Characteristics, TJ = 25 °C
Fig. 13 - Recovery Current Characteristics, TJ = 150 °C
Fig. 14 - Thermal Impedance ZthJC Characteristics
25
0
0
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
10
20
5
15
40EPF.. Series
T
J = 25 °C
I
FM = 80 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
40
I
FM = 40 A
50
20
0
0
40
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
40
10
30
40EPF.. Series
T
J = 150 °C
80
I
FM = 80 A
I
FM = 40 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
0.01
0.0001
0.001
0.01
0.1
Square Wave Pulse Duration (s)
0.1
1
Single pulse
40EPF.. Series
Steady state value
(DC operation)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
1


Similar Part No. - VS-40EPF04PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40EPF04PbF VISHAY-VS-40EPF04PbF Datasheet
310Kb / 10P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 11-Feb-16
More results

Similar Description - VS-40EPF04PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3_V01 Datasheet
212Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
01-Jan-2022
VS-40EPF0.PBF VISHAY-VS-40EPF0.PBF Datasheet
310Kb / 10P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 11-Feb-16
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3 Datasheet
212Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 29-Nov-2019
VS-40EPF1-M3 VISHAY-VS-40EPF1-M3_V01 Datasheet
262Kb / 9P
   Fast Soft Recovery Rectifier Diode, 40 A
01-Jan-2022
40EPF02PBF VISHAY-40EPF02PBF Datasheet
204Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 04-Dec-09
40EPF10PBF VISHAY-40EPF10PBF Datasheet
244Kb / 8P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 08-Jul-08
VS-40EPF1.PBF VISHAY-VS-40EPF1.PBF Datasheet
266Kb / 9P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 11-Feb-16
VS-40EPF-M3 VISHAY-VS-40EPF-M3 Datasheet
200Kb / 7P
   Fast Soft Recovery Rectifier Diode, 40 A
Revision: 09-Feb-2021
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com