Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30TPS16-M3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-30TPS16-M3
Description  Thyristor High Voltage, Phase Control SCR, 30 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30TPS16-M3 Datasheet(HTML) 8 Page - Vishay Siliconix

  VS-30TPS16-M3 Datasheet HTML 1Page - Vishay Siliconix VS-30TPS16-M3 Datasheet HTML 2Page - Vishay Siliconix VS-30TPS16-M3 Datasheet HTML 3Page - Vishay Siliconix VS-30TPS16-M3 Datasheet HTML 4Page - Vishay Siliconix VS-30TPS16-M3 Datasheet HTML 5Page - Vishay Siliconix VS-30TPS16-M3 Datasheet HTML 6Page - Vishay Siliconix VS-30TPS16-M3 Datasheet HTML 7Page - Vishay Siliconix VS-30TPS16-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Vishay:
VS-30TPS16PBF


Similar Part No. - VS-30TPS16-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30TPS16-M3 VISHAY-VS-30TPS16-M3 Datasheet
213Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-30TPS16-M3 VISHAY-VS-30TPS16-M3 Datasheet
179Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
01-Jan-2022
More results

Similar Description - VS-30TPS16-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30TPS16L-M3 VISHAY-VS-30TPS16L-M3 Datasheet
183Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 31-Jul-2018
VS-30TPS12L-M3 VISHAY-VS-30TPS12L-M3 Datasheet
181Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 31-Jul-2018
VS-30TPS-M3 VISHAY-VS-30TPS-M3 Datasheet
179Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 26-Feb-2019
VS-30TPS16-M3 VISHAY-VS-30TPS16-M3 Datasheet
179Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
01-Jan-2022
VS-30TPS16LHM3 VISHAY-VS-30TPS16LHM3_V01 Datasheet
183Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
01-Jan-2022
VS-30TPSPBF VISHAY-VS-30TPSPBF Datasheet
215Kb / 9P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 06-Feb-14
VS-30TPS-M3 VISHAY-VS-30TPS-M3_V01 Datasheet
179Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
01-Jan-2022
VS-30TPS12LHM3 VISHAY-VS-30TPS12LHM3_V01 Datasheet
182Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
01-Jan-2022
VS-30TPS16L-M3 VISHAY-VS-30TPS16L-M3_V01 Datasheet
184Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
01-Jan-2022
VS-30TPS12L-M3 VISHAY-VS-30TPS12L-M3_V01 Datasheet
182Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com