Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03025339E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 03025339E3
Description  Aluminum Capacitors Axial Standard
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

03025339E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  03025339E3 Datasheet HTML 1Page - Vishay Siliconix 03025339E3 Datasheet HTML 2Page - Vishay Siliconix 03025339E3 Datasheet HTML 3Page - Vishay Siliconix 03025339E3 Datasheet HTML 4Page - Vishay Siliconix 03025339E3 Datasheet HTML 5Page - Vishay Siliconix 03025339E3 Datasheet HTML 6Page - Vishay Siliconix 03025339E3 Datasheet HTML 7Page - Vishay Siliconix 03025339E3 Datasheet HTML 8Page - Vishay Siliconix 03025339E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
030/031 AS
www.vishay.com
Vishay BCcomponents
Revision: 24-Apr-12
7
Document Number: 28327
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Fig. 10 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 6.3 V TO 10 V
UR = 16 V TO 25 V
UR = 40 V TO 100 V
50
0.95
0.90
0.85
100
1.00
1.00
1.00
300
1.07
1.12
1.20
1000
1.12
1.20
1.30
3000
1.15
1.25
1.35
 10 000
1.20
1.30
1.40
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
T
amb (°C)
CCC205
lifetime multiplier
(1)
I
A
I
R
CCC205
I
A = actual ripple current at 100 Hz
I
R = rated ripple current at 100 Hz, 85 °C
(1) Useful life at 85 °C and I
R applied:
case Ø D x L = 4.5 mm x 10 mm to
10 mm x 25 mm: 3000 h


Similar Part No. - 03025339E3

ManufacturerPart #DatasheetDescription
logo
Heyco.
0302 HEYCO-0302 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Zibo Seno Electronic En...
03020BQ ZSELEC-03020BQ Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUYIN USA, INC.
030228FR SUYIN-USA-030228FR Datasheet
124Kb / 1P
   STANDARD MINI DIN CONNECTOR SERIES
030233FR SUYIN-USA-030233FR Datasheet
148Kb / 1P
   12 WAYS MINI-DIN RIGHT ANGLE DIP TYPE (DUAL PORT)
030234FB SUYIN-USA-030234FB Datasheet
133Kb / 1P
   ULTRA THIN MINI DIN SMD TYPE
More results

Similar Description - 03025339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
041-043ASH VISHAY-041-043ASH Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com