Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-1VB1H103K Datasheet(PDF) 8 Page - International Rectifier

Part # ECJ-1VB1H103K
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VB1H103K Datasheet(HTML) 8 Page - International Rectifier

Back Button ECJ-1VB1H103K Datasheet HTML 4Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 5Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 6Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 7Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 8Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 9Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 10Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 11Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
8
Typical Efficiency and Power Loss Curves
Vin=12V, Vcc=5V, Io=2A-14A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
2345
678
9
10
11
12
13
14
Load Current (A)
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
2
3
4
5
6
7
8
9
1011121314
Load Current (A)
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V
Vout (V)
L(
μH)
P/N
DCR (m
Ω)
0.90
0.22
59PR9873N
0.29
1.00
0.3
59PR9874N
0.29
1.10
0.3
59PR9874N
0.29
1.20
0.3
59PR9874N
0.29
1.50
0.4
59PR9875N
0.29
1.80
0.56
MPC1040LR56
1.3
2.50
0.56
MPC1040LR56
1.3
3.30
0.88
MPC1040LR88
2.3
5.00
0.88
MPC1040LR88
2.3


Similar Part No. - ECJ-1VB1H103K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VB1H103K PANASONIC-ECJ-1VB1H103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
logo
International Rectifier
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-1VB1H103K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com