Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-1VB1A225K Datasheet(PDF) 7 Page - International Rectifier

Part # ECJ-1VB1A225K
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VB1A225K Datasheet(HTML) 7 Page - International Rectifier

Back Button ECJ-1VB1A225K Datasheet HTML 3Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 4Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 5Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 6Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 7Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 8Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 9Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 10Page - International Rectifier ECJ-1VB1A225K Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
IR3837MPbF
Rev 1.31
Electrical Specifications (continued)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
FAULT PROTECTION
Fs=250kHz
10.4
11.8
13.2
Fs=500kHz
21.5
24.4
27.3
OCSET Current
IOCSET
Fs=1500kHz
68
77
86
µA
OC comp Offset Voltage
VOFFSET
Note4
-6
0
+6
mV
SS off time
SS_Hiccup
4096
Cycles
Thermal Shutdown
Note4
140
Thermal Hysteresis
Note4
20
°C
UNDER VOLTAGE LOCKOUT
VCC-Start-Threshold
VCC_UVLO_Start
Vcc Rising Trip Level
4.06
4.26
4.46
VCC-Stop-Threshold
VCC_UVLO_Stop
Vcc Falling Trip Level
3.76
3.96
4.16
V
Enable-Start-Threshold
Enable_UVLO_Start
Supply ramping up
1.14
1.2
1.36
Enable-Stop-Threshold
Enable_UVLO_Stop
Supply ramping down
0.75
0.85
0.95
V
Enable leakage current
Ien
Enable=3.3V
10
µA
PGOOD
Fb Rising, Vref < 1.2V
115
%Vref
Power Good upper Threshold
VPG(upper)
Fb Rising, Vref > 1.5V
115
%Vp
Upper Threshold Delay
VPG(upper)_Dly
Fb Falling
256/Fs
s
Fb Rising, Vref < 1.2V
85
%Vref
Power Good lower Threshold
VPG(lower)
Fb Rising, Vref > 1.5V
85
%Vp
Lower Threshold Delay
VPG(lower)_Dly
Fb Rising
256/Fs
s
Soft Start Delay Time
Tdelay(Delay)
Note4
10
ms
PGood Voltage Low
PG(voltage)
IPgood=-5mA
0.5
V
Tracker Comparator Upper
Threshold
VPG(tracker_upper) Vp Rising, Vref > 1.5V
0.5
Tracker Comparator Lower
Threshold
VPG(tracker_lower)
Vp Falling, Vref > 1.5V
0.3
V
Tracker Comparator Delay
Tdelay(tracker)
Vp Rising, Vref > 1.5V
256/Fs
s
Note3: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production.
Note4: Guaranteed by design but not tested in production
Note5: Upgrade to industrial/MSL2 level applies from date codes 1141 (marking explained on application note AN1132 page 2).
Products with prior date code of 1141 are qualified with MSL3 for Consumer market.


Similar Part No. - ECJ-1VB1A225K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-1VB1A225K IRF-ECJ-1VB1A225K Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-1VB1A225K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com