Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TACL105K020ATA Datasheet(PDF) 1 Page - AVX Corporation

Part # TACL105K020ATA
Description  Standard Microchip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACL105K020ATA Datasheet(HTML) 1 Page - AVX Corporation

  TACL105K020ATA Datasheet HTML 1Page - AVX Corporation TACL105K020ATA Datasheet HTML 2Page - AVX Corporation TACL105K020ATA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
18
I JUNE 2013
TACmicrochip
®
Standard Microchip
• The world’s smallest surface mount tantalum capacitor
• CV range: 0.10-150μF / 2-25V
• 5 case sizes available
• Low profile options available
• Industrial and hi-rel medical applications
L
SLt
W
H
POLARITY BAND NOT TO
EXCEED CENTER LINE
TAC
Type
TACmicrochip®
L
Case Size
See table
above
226
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K=±10%
M=±20%
TA
Alternative
characters
may be used
for special
requirements
HOW TO ORDER
R
Packaging
R, P = 7" Standard Tin
Termination Plastic Tape
X, Q = 414" Standard Tin
Termination Plastic Tape
A = 7" Gold Termination
Plastic Tape
F = 414" Gold Termination
Plastic Tape
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 150 μF
Capacitance Tolerance:
±10%; ±20%
Leakage Current DCL:
0.01CV or 0.5μA whichever is the greater
Rated Voltage (VR)
+85°C:
2
3
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
1.3
2
2.7
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
2.7
3.9
5.2
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
1.7
2.6
3.2
5
8
12
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Termination Finish:
Nickel and Tin Plating (standard),
Nickel and Gold Plating option available upon request
TECHNICAL SPECIFICATIONS
004
Rated DC
Voltage
002=2Vdc
003=3Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
%
%
%
CASE DIMENSIONS: millimeters (inches)
L+0.20 (0.008)
W+0.15 (0.006)
H+0.15 (0.006)
Minimum
Code
EIA
EIA
-0.00 (0.000)
-0.00 (0.000)
-0.00 (0.000)
Termination
Termination
Code
Metric
Spacing(S)
Length (Lt)
A
1206
3216-18
3.20 ± 0.20
1.60 ± 0.20
1.60 ± 0.20
1.80 (0.071) min
0.15 (0.006)
(0.126 ± 0.008)
(0.06 ± 0.008)
(0.063 ± 0.008)
B
1210
3528-15
3.50 ± 0.20
2.80
1.50 (0.059) max 2.00 (0.079) min
0.15 (0.006)
(0.138 ± 0.008)
(0.110
)
K
0402
1005-07
1.00 (0.039)
0.50
0.50
0.40 (0.016) min
0.10 (0.004)
(0.020
)
(0.020
)
L
0603
1608-10
1.60 (0.063)
0.85 (0.033)
0.85 (0.033)
0.55 (0.022) min
0.15 (0.006)
R
0805
2012-15
2.00 (0.079)
1.35 (0.053)
1.35 (0.053)
0.70 (0.027) min
0.15 (0.006)
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.20
-0.10
+0.008
-0.004
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - TACL105K020ATA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL105006TA AVX-TACL105006TA Datasheet
115Kb / 3P
   TACmicrochip짰 Standard Microchip
TACL105006TA AVX-TACL105006TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACL105010TA AVX-TACL105010TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACL105016TA AVX-TACL105016TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
More results

Similar Description - TACL105K020ATA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
   Standard Microchip
TACK474M010PTA AVX-TACK474M010PTA Datasheet
114Kb / 3P
   Standard Microchip
TACR105M025XTA AVX-TACR105M025XTA Datasheet
113Kb / 3P
   TACmicrochip짰 Standard Microchip
TACK105M010QTA AVX-TACK105M010QTA Datasheet
115Kb / 3P
   TACmicrochip짰 Standard Microchip
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
   Microchip CryptoAuthentication??Device
2017
logo
List of Unclassifed Man...
IN9004-1 ETC1-IN9004-1 Datasheet
410Kb / 14P
   INTEGRATED MICROCHIP MICRO-CONTROLLER
logo
Microchip Technology
DM163004-LT MICROCHIP-DM163004-LT Datasheet
2Mb / 2P
   Free Microchip TCP/IP stack
10/19/04
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
logo
Murata Manufacturing Co...
DXW21BN7511TL MURATA-DXW21BN7511TL Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
DXW21B MURATA-DXW21B Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com