Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C39 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZT52C39
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT52C39 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZT52C39 Datasheet HTML 1Page - Vishay Siliconix BZT52C39 Datasheet HTML 2Page - Vishay Siliconix BZT52C39 Datasheet HTML 3Page - Vishay Siliconix BZT52C39 Datasheet HTML 4Page - Vishay Siliconix BZT52C39 Datasheet HTML 5Page - Vishay Siliconix BZT52C39 Datasheet HTML 6Page - Vishay Siliconix BZT52C39 Datasheet HTML 7Page - Vishay Siliconix BZT52C39 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZT52-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 26-Feb-13
3
Document Number: 85760
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•IZT1 = 5 mA, IZT2 = 1 mA
(1) Measured with pulses tp = 5 ms
(2) IZT1 = 2.5 mA
(3) IZT2 = 0.5 mA
(4) Valid provided that electrodes are kept at ambient temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
VOLTAGE
DYNAMIC
RESISTANCE
TEMP.
COEFFICIENT
ADMISSABLE
ZENER
CURRENT (4)
VZ at IZT1
IZT1
IZT2
VR at IR
ZZ at IZT1
ZZK at
IZT2
VZ
IZ at
Tamb =
45 °C
IZ at
Tamb =
25 °C
V
mA
V
nA
10-4/°C
mA
MIN.
NOM. MAX.
BZT52B2V4
W1
2.35
2.4
2.45
5
1
-
-
85
600
- 9 to - 4
-
-
BZT52B2V7
W2
2.65
2.7
2.75
5
1
-
-
75 (< 83)
< 500
- 9 to - 4
113
134
BZT52B3V0
W3
2.94
3.0
3.06
5
1
-
-
80 (< 95)
< 500
- 9 to - 3
98
118
BZT52B3V3
W4
3.23
3.3
3.37
5
1
-
-
80 (< 95)
< 500
- 8 to - 3
92
109
BZT52B3V6
W5
3.53
3.6
3.67
5
1
-
-
80 (< 95)
< 500
- 8 to - 3
85
100
BZT52B3V9
W6
3.82
3.9
3.98
5
1
-
-
80 (< 95)
< 500
- 7 to - 3
77
92
BZT52B4V3
W7
4.21
4.3
4.39
5
1
-
-
80 (< 95)
< 500
- 6 to - 1
71
84
BZT52B4V7
W8
4.61
4.7
4.79
5
1
-
-
70 (< 78)
< 500
- 5 to + 2
64
76
BZT52B5V1
W9
5
5.1
5.2
5
1
> 0.8
100
30 (< 60)
< 480
- 3 to + 4
56
67
BZT52B5V6
WA
5.49
5.6
5.71
5
1
> 1
100
10 (< 40)
< 400
- 2 to + 6
50
59
BZT52B6V2
WB
6.08
6.2
6.32
5
1
> 2
100
4.8 (< 10)
< 200
- 1 to + 7
45
54
BZT52B6V8
WC
6.66
6.8
6.94
5
1
> 3
100
4.5 (< 8)
< 150
+ 2 to + 7
41
49
BZT52B7V5
WD
7.35
7.5
7.65
5
1
> 5
100
4 (< 7)
< 50
+ 3 to + 7
37
44
BZT52B8V2
WE
8.04
8.2
8.36
5
1
> 6
100
4.5 (< 7)
< 50
+ 4 to + 7
34
40
BZT52B9V1
WF
8.92
9.1
9.28
5
1
> 7
100
4.8 (< 10)
< 50
+ 5 to + 8
30
36
BZT52B10
WG
9.8
10
10.2
5
1
> 7.5
100
5.2 (< 15)
< 70
+ 5 to + 8
28
33
BZT52B11
WH
10.8
11
11.2
5
1
> 8.5
100
6 (< 20)
< 70
+ 5 to + 9
25
30
BZT52B12
WI
11.8
12
12.2
5
1
> 9
100
7 (< 20)
< 90
+ 6 to + 9
23
28
BZT52B13
WK
12.7
13
13.3
5
1
> 10
100
9 (< 25)
< 110
+ 7 to + 9
21
25
BZT52B15
WL
14.7
15
15.3
5
1
> 11
100
11 (< 30)
< 110
+ 7 to + 9
19
23
BZT52B16
WM
15.7
16
16.3
5
1
> 12
100
13 (< 40)
< 170
+ 8 to + 9.5
17
20
BZT52B18
WN
17.6
18
18.4
5
1
> 14
100
18 (< 50)
< 170
+ 8 to + 9.5
15
18
BZT52B20
WO
19.6
20
20.4
5
1
> 15
100
20 (< 50)
< 220
+ 8 to + 10
14
17
BZT52B22
WP
21.6
22
22.4
5
1
> 17
100
25 (< 55)
< 220
+ 8 to + 10
13
16
BZT52B24
WR
23.5
24
24.5
5
1
> 18
100
28 (< 80)
< 220
+ 8 to + 10
11
13
BZT52B27
WS
26.5
27
27.5
5
1
> 20
100
30 (< 80)
< 250
+ 8 to + 10
10
12
BZT52B30
WT
29.4
30
30.6
5
1
> 22.5
100
35 (< 80)
< 250
+ 8 to + 10
9
10
BZT52B33
WU
32.3
33
33.7
5
1
> 25
100
40 (< 80)
< 250
+ 8 to + 10
8
9
BZT52B36
WW
35.3
36
36.7
5
1
> 27
100
40 (< 90)
< 250
+ 8 to + 10
8
9
BZT52B39
WX
38.2
39
39.8
5
1
> 29
100
50 (< 90)
< 300
+ 10 to + 12
7
8
BZT52B43
WY
42.1
43
43.9
5
1
> 32
100
60 (< 100)
< 700
+ 10 to + 12
6
7
BZT52B47
WZ
46.1
47
47.9
5
1
> 35
100
70 (< 100)
< 750
+ 10 to + 12
5
6
BZT52B51
X1
50
51
52
5
1
> 38
100
70 (< 100)
< 750
+ 10 to + 12
5
6
BZT52B56
X2
54.9
56
57.1
2.5
0.5
-
-
< 135 (2)
< 1000 (3)
typ. + 10 (2)
--
BZT52B62
X3
60.8
62
63.2
2.5
0.5
-
-
< 150 (2)
< 1000 (3)
typ. + 10 (2)
--
BZT52B68
X4
66.6
68
69.4
2.5
0.5
-
-
< 200 (2)
< 1000 (3)
typ. + 10 (2)
--
BZT52B75
X5
73.5
75
76.5
2.5
0.5
-
-
< 250 (2)
< 1500 (3)
typ. + 10 (2)
--


Similar Part No. - BZT52C39

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZT52C39 WINNERJOIN-BZT52C39 Datasheet
238Kb / 3P
   ZENER DIODE
logo
Diodes Incorporated
BZT52C39 DIODES-BZT52C39 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Galaxy Semi-Conductor H...
BZT52C39 BILIN-BZT52C39 Datasheet
203Kb / 5P
   Surface mount zener diode
logo
Guangdong Kexin Industr...
BZT52C39 KEXIN-BZT52C39 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
BZT52C39 CHENDA-BZT52C39 Datasheet
902Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C39

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com