Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVUF3J Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVUF3J
Description  9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVUF3J Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVUF3J Datasheet HTML 1Page - Panasonic Semiconductor EVUF3J Datasheet HTML 2Page - Panasonic Semiconductor EVUF3J Datasheet HTML 3Page - Panasonic Semiconductor EVUF3J Datasheet HTML 4Page - Panasonic Semiconductor EVUF3J Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Rotary Potentiometers/EVUE/EVUF
1
E
2
V
3
U
E
F
4
5
6
7
8
9
10
11
12
Product Code
Specifications
Shaft Trims & Dimensions
Taper & Resistance
9 mm Square Rotary Potentiometers
with Insulated Shaft
Type:
EVUE/EVUF
Japan
Malaysia
Explanation of Part Numbers
Product Chart
Recommended Applications
● Audio Equipment
● Video Equipment
● Electronic Musical Instruments
● Audio Mixers
Features
● Multi-gang block can be provided upon request
● DC voltage available
● Rigid rectangular shape suited for automatic insertion
Construction
Style
Height
(H=mm)
Detent
Type
Horizontal
Without bushing
6.5
Without detent
EVUE20
Midpoint
EVUE30
10.0
Without detent
EVUE2A
Midpoint
EVUE3A
12.5
Without detent
EVUE21
Midpoint
EVUE31
With bushing
6.5
Without detent
EVUE25
Midpoint
EVUE35
10.0
Without detent
EVUE2J
Midpoint
EVUE3J
With sleeve
6.5
Without detent
EVUE27
Midpoint
EVUE37
10.0
Without detent
EVUE2K
Midpoint
EVUE3K
Vertical
Without bushing
Without detent
EVUF2A
Midpoint
EVUF3A
With bushing
7.5
Without detent
EVUF2J
Midpoint
EVUF3J
8.5
Without detent
EVUF2M
Midpoint
EVUF3M
With sleeve
7.5
Without detent
EVUF2K
Midpoint
EVUF3K
8.5
Without detent
EVUF2L
Midpoint
EVUF3L
Nov. 2005


Similar Part No. - EVUF3J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
   9 mm Square Rotary Potentiometers with Insulated Shaft
More results

Similar Description - EVUF3J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
   9 mm Square Rotary Potentiometers with Insulated Shaft
EVCX PANASONIC-EVCX Datasheet
97Kb / 2P
   18 mm Square Rotary Potentiometers
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
Panasonic Semiconductor
EVM-3YSX50B54 PANASONIC-EVM-3YSX50B54 Datasheet
106Kb / 3P
   3 mm Square SMT Trimmer Potentiometers
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
   PRS11R - 11 mm Rotary Metal Shaft Potentiometer
03/31/21
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
   14 mm Rotary Plastic Shaft Dual-Potentiometer
logo
Panasonic Semiconductor
EWVYG PANASONIC-EWVYG Datasheet
119Kb / 2P
   44/25 mm Center Space Rotary Potentiometers
EVM-3VSX50B16 PANASONIC-EVM-3VSX50B16 Datasheet
62Kb / 1P
   3 mm Square SMT Trimmer Potentiometers with the rotation stopper
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com