Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT1222W Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # APT1222W
Description  Phototriac coupler ideal for triac driver with wide variation Triac driver for SSRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APT1222W Datasheet(HTML) 6 Page - Panasonic Semiconductor

  APT1222W Datasheet HTML 1Page - Panasonic Semiconductor APT1222W Datasheet HTML 2Page - Panasonic Semiconductor APT1222W Datasheet HTML 3Page - Panasonic Semiconductor APT1222W Datasheet HTML 4Page - Panasonic Semiconductor APT1222W Datasheet HTML 5Page - Panasonic Semiconductor APT1222W Datasheet HTML 6Page - Panasonic Semiconductor APT1222W Datasheet HTML 7Page - Panasonic Semiconductor APT1222W Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
APT1
ASCTB217E 201201-T1
DIMENSIONS (mm inch)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. SOP Type
APT1211S, APT1221S, APT1231S
External dimensions
Terminal thickness = 0.15 .006
General tolerance:
±0.1 ±.004
Recommended mounting pad (TOP VIEW)
Tolerance:
±0.1 ±.004
4.4
±0.2
4.3
±0.2
2.0
±0.2
2.54
0.1
0.4
6.8
±0.4
0.5
0.5
0.4
.173
±009
.169
±.009
.079
±.009
.100
.004
.016
.268
±016
.020
.020
.016
1.2
0.8
2.54
6.0
.047
.032
.100
.236
CAD Data
2. DIP4 Type
APT1211(A), APT1221(A), APT1231(A)
External dimensions
Through hole terminal type
PC board pattern (BOTTOM VIEW)
Tolerance:
±0.1 ±.004
Surface mount terminal type
Terminal thickness = 0.20 .008
General tolerance:
±0.1 ±.004
Recommended mounting pad (TOP VIEW)
Tolerance:
±0.1 ±.004
4.78
±0.05
6.4
±0.05
2.7
±0.05
7.62
±0.05
Max. 10
°
Max. 10
°
1.0
0.33
0.2
3.0
0.47
3.2
±0.2
0.47
2.54
.188
±.002
.252
±.002
.106
±.002
.300
±.002
.039
.013
.008
.118
.019
.126
±.008
.019
.100
4-0.8 dia.
7.62
6.4
2.54
2.54
4-.031 dia.
.300
.252
.100
.100
4.78
±0.05
6.4
±0.05
1.0
2.7
±0.05
7.62
±0.05
Max. 10
°
1.0
1.0
2.7
±0.05
0.47
0.47
2.54
0.2±
0.2
0
±.008
0
.188
±.002
.252
±.002
.039
.106
±.002
.300
±.002
.039
.039
.106
±.002
.019
.019
.100
.008
8.3
1.9
1.5
2.54
.327
.075
.059
.100
CAD Data


Similar Part No. - APT1222W

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT1201R2BFLL ADPOW-APT1201R2BFLL Datasheet
161Kb / 5P
   POWER MOS 7 FREDFET
APT1201R2BFLL ADPOW-APT1201R2BFLL Datasheet
375Kb / 5P
   POWER MOS 7 R FREDFET
logo
Inchange Semiconductor ...
APT1201R2BFLL ISC-APT1201R2BFLL Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT1201R2BLL ADPOW-APT1201R2BLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT1201R2SFLL ADPOW-APT1201R2SFLL Datasheet
161Kb / 5P
   POWER MOS 7 FREDFET
More results

Similar Description - APT1222W

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
logo
Siemens Semiconductor G...
IL4216 SIEMENS-IL4216 Datasheet
85Kb / 3P
   TRIAC DRIVER OPTOCOUPLER
logo
COSMO Electronics Corp...
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com