Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX06A106 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CX06A106
Description  Subminiature, Leaded Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CX06A106 Datasheet(HTML) 1 Page - Vishay Siliconix

  CX06A106 Datasheet HTML 1Page - Vishay Siliconix CX06A106 Datasheet HTML 2Page - Vishay Siliconix CX06A106 Datasheet HTML 3Page - Vishay Siliconix CX06A106 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CX06
www.vishay.com
Vishay Sprague
Revision: 09-Mar-12
1
Document Number: 43007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Subminiature, Leaded Solid Tantalum Capacitors
FEATURES
• Rectangular case with radial leads
•2 VDC to 35 VDC
• 0.1 μF to 220 μF
• Operating temperature range: - 55 °C to + 85 °C
• Qualified to MIL-PRF-49137
ORDERING INFORMATION
CX
06
A
474
M
MODEL
LEAD
CONFIGURATION
VOLTAGE
CAPACITANCE
CAPACITANCE
TOLERANCE
0 = Radial
M = ± 20 %
K = ± 10 %
Example: CX06A474M
DIMENSIONS in inches [millimeters]
RADIAL
CASE CODE
D
MAX.
L
MAX.
H
MAX.
M ± 0.002
[± 0.051]
S
A
0.040 [1.02]
0.050 [1.27]
0.100 [2.54]
0.007 [0.18]
0.030 ± 0.015 [0.76 ± 0.38]
B
0.040 [1.02]
0.070 [1.78]
0.125 [3.18]
0.010 [0.25]
0.050 ± 0.015 [1.27 ± 0.38]
C
0.070 [1.78]
0.120 [3.05]
0.165 [4.19]
0.010 [0.25]
0.100 ± 0.020 [2.54 ± 0.51]
D
0.075 [1.91]
0.185 [4.70]
0.225 [5.72]
0.010 [0.25]
0.150 ± 0.020 [3.81 ± 0.51]
E
0.110 [2.79]
0.220 [5.59]
0.290 [7.37]
0.016 [0.41]
0.180 ± 0.025 [4.57 ± 0.64]
F
0.130 [3.30]
0.230 [5.84]
0.310 [7.87]
0.016 [0.41]
0.200 ± 0.025 [5.08 ± 0.64]
G
0.150 [3.81]
0.375 [9.53]
0.475 [12.07]
0.016 [0.41]
0.300 ± 0.025 [7.62 ± 0.64]
L
(-)
S
(+)
M
D
H
Anode identification
placed over positive lead
in read or in contrasting color
0.75
[19.5]
MIN.
1.00
[25.4]
MIN.


Similar Part No. - CX06A106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06A474K VISHAY-CX06A474K Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06A474M VISHAY-CX06A474M Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
More results

Similar Description - CX06A106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
STC VISHAY-STC Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com