Electronic Components Datasheet Search |
|
A42MX16-1PQ208B Datasheet(PDF) 8 Page - Microsemi Corporation |
|
A42MX16-1PQ208B Datasheet(HTML) 8 Page - Microsemi Corporation |
8 / 142 page 40MX and 42MX FPGA Families 1- 4 R ev isio n 1 1 provides capability to quickly design memory functions with the SRAM blocks. Unused SRAM blocks can be used to implement registers for other user logic within the design. Routing Structure The MX architecture uses vertical and horizontal routing tracks to interconnect the various logic and I/O modules. These routing tracks are metal interconnects that may be continuous or split into segments. Varying segment lengths allow the interconnect of over 90% of design tracks to occur with only two antifuse connections. Segments can be joined together at the ends using antifuses to increase their lengths up to the full length of the track. All interconnects can be accomplished with a maximum of four antifuses. Horizontal Routing Horizontal routing tracks span the whole row length or are divided into multiple segments and are located in between the rows of modules. Any segment that spans more than one-third of the row length is considered a long horizontal segment. A typical channel is shown in Figure 1-6. Within horizontal routing, dedicated routing tracks are used for global clock networks and for power and ground tie-off tracks. Non- dedicated tracks are used for signal nets. Vertical Routing Another set of routing tracks run vertically through the module. There are three types of vertical tracks: input, output, and long. Long tracks span the column length of the module, and can be divided into multiple segments. Each segment in an input track is dedicated to the input of a particular module; each segment in an output track is dedicated to the output of a particular module. Long segments are Figure 1-4 • A42MX24 and A42MX36 D-Module Implementation Figure 1-5 • A42MX36 Dual-Port SRAM Block 7 Inputs Hard-Wire to I/O Feedback to Array Programmable Inverter SRAM Module 32 x 8 or 64 x 4 (256 Bits) Read Port Logic Write Port Logic RD[7:0] Routing Tracks Latches Read Logic [5:0] RDAD[5:0] REN RCLK Latches WD[7:0] Latches WRAD[5:0] Write Logic MODE BLKEN WEN WCLK [5:0] [7:0] |
Similar Part No. - A42MX16-1PQ208B |
|
Similar Description - A42MX16-1PQ208B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |