Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3599MTRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3599MTRPBF
Description  PWM Doubler/Quad Logic 3.3V supply voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3599MTRPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3599MTRPBF Datasheet HTML 1Page - International Rectifier IR3599MTRPBF Datasheet HTML 2Page - International Rectifier IR3599MTRPBF Datasheet HTML 3Page - International Rectifier IR3599MTRPBF Datasheet HTML 4Page - International Rectifier IR3599MTRPBF Datasheet HTML 5Page - International Rectifier IR3599MTRPBF Datasheet HTML 6Page - International Rectifier IR3599MTRPBF Datasheet HTML 7Page - International Rectifier IR3599MTRPBF Datasheet HTML 8Page - International Rectifier IR3599MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IR3599/IR3599A
PWM Doubler/Quad Logic
www.irf.com | © 2012 International Rectifier
July 02, 2012 | V1.8
5
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
PWM_IN
The PWM_IN is the control signal input. Connect this pin to the PWM output of the controller. In
Doubler mode, PWM_IN controls the behavior of PWM1 and PWM2. In QUAD mode, PWM_IN
controls the behavior of PWM1, PWM2, PWM3, and PWM4.
2
V1p8
1.8V internal LDO output. Place a high quality low ESR 0.47uF ceramic capacitor from this pin to the
IR3599/IR3599A GND.
3
VCC
Connect this pin to a +3.3V bias supply. Place a high quality low ESR 0.1uF ceramic capacitor from
this pin to the IR3599/IR3599A GND.
4
FUNCTION
The FUNCTION pin controls the Phase Mode (Doubler or Quad Modes). The FUNCTION pin levels
are controlled by connecting the FUNCTION pin to Ground or VCC. Refer to the configuration
instructions in Table 1 to program the FUNCTION pin. At power up, the function pin selection
is latched into the IR3599/IR3599A, and therefore cannot be changed after initial power up.
5
PWM4
Channel 4 PWM signal to the power stage
6
PWM3
Channel 3 PWM signal to the power stage
7
PWM2
Channel 2 PWM signal to the power stage
8
PWM1
Channel 1 PWM signal to the power stage
(PAD) 9
GND
Bias and reference ground. All signals are referenced to this node.


Similar Part No. - IR3599MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3599 IRF-IR3599_15 Datasheet
729Kb / 18P
   3.3V supply voltage
More results

Similar Description - IR3599MTRPBF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
logo
International Rectifier
IR3599 IRF-IR3599_15 Datasheet
729Kb / 18P
   3.3V supply voltage
logo
Golledge Electronics Lt...
MCSO1HZ GOLLEDGE-MCSO1HZ Datasheet
567Kb / 4P
   3.3V supply voltage
MCSO1V GOLLEDGE-MCSO1V Datasheet
570Kb / 4P
   3.3V supply voltage
logo
List of Unclassifed Man...
SCO-060 ETC2-SCO-060 Datasheet
86Kb / 2P
   5.0V / 3.3V supply voltage
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F50L1G41A-2Y ESMT-F50L1G41A-2Y Datasheet
695Kb / 36P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com