Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT1211 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # APT1211
Description  Phototriac coupler ideal for triac driver with wide variation Triac driver for SSRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APT1211 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  APT1211 Datasheet HTML 1Page - Panasonic Semiconductor APT1211 Datasheet HTML 2Page - Panasonic Semiconductor APT1211 Datasheet HTML 3Page - Panasonic Semiconductor APT1211 Datasheet HTML 4Page - Panasonic Semiconductor APT1211 Datasheet HTML 5Page - Panasonic Semiconductor APT1211 Datasheet HTML 6Page - Panasonic Semiconductor APT1211 Datasheet HTML 7Page - Panasonic Semiconductor APT1211 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
APT1
ASCTB217E 201201-T1
1-(4). ON-state RMS current vs. ambient
temperature characteristics
Allowable ambient temperature: –40
°C to +100°C
–40
°F to +212°F
Tested sample: APT1231(A), APT1231W(A)
1-(5). ON-state RMS current vs. ambient
temperature characteristics
Allowable ambient temperature: –40
°C to +100°C
–40
°F to +212°F
Tested sample: APT1212(A), APT1222(A),
APT1212W(A), APT1222W(A)
1-(6). ON-state RMS current vs. ambient
temperature characteristics
Allowable ambient temperature: –40
°C to +100°C
–40
°F to +212°F
Tested sample: APT1232(A), APT1232W(A)
0
60
20
40
100
80
120
–40
–20
0
20
40
60
80
100
VL
100V AC
VL
> 100V AC
Ambient temperature,
°C
0
60
40
20
80
100
120
–40
–20
0
20
40
60
80
100
VL
> 120V AC
VL
120V AC
Ambient temperature,
°C
0
60
20
40
100
80
120
–40
–20
0
20
40
60
80
100
VL
120V AC
VL
> 120V AC
Ambient temperature,
°C
2. On voltage vs. ambient temperature
characteristics
3. Trigger LED current vs. ambient temperature
characteristics
4. LED dropout voltage vs. ambient
temperature characteristics
0
1.2
1.8
–40
20
0
–20
40
60
80
100
1.6
1.4
APT121
❍❍
APT122
❍❍
APT123
❍❍
Ambient temperature,
°C
Ambient temperature,
°C
0
4
2
6
8
10
–40
–20
0
20
40
60
80
100
Ambient temperature,
°C
1
1.2
1.3
–40 –20
1.5
020
406080
1.1
1.4
100
50mA
30mA
20mA
10mA
5. Turn on time vs. LED current characteristics
6. Repetitive peak OFF-state current vs. Load
voltage characteristics
7. Hold current vs. ambient temperature
characteristics
0
10
20
50
020
10
30
40
50
40
30
LED current, mA
60
40
80
100
20
0
10–13
10–11
10–9
10–7
10–5
0.001
Load voltage, V
Ambient temperature,
°C
0
0.5
1
1.5
2
–40
–20
0
20
40
60
80
100
8. Zero-cross voltage vs. ambient temperature
characteristics
0
10
20
50
–40
20
0
–20
40
60
80
100
40
30
APT121
❍❍
APT123
❍❍
Ambient temperature,
°C


Similar Part No. - APT1211

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
APT1211 PANASONICBATTERY-APT1211 Datasheet
148Kb / 7P
   Phototriac Coupler for the Industrial Machinery, Consumer Electronics, and SSR Markets
More results

Similar Description - APT1211

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
logo
Siemens Semiconductor G...
IL4216 SIEMENS-IL4216 Datasheet
85Kb / 3P
   TRIAC DRIVER OPTOCOUPLER
logo
COSMO Electronics Corp...
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com