Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT1211S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # APT1211S
Description  Phototriac coupler ideal for triac driver with wide variation Triac driver for SSRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APT1211S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  APT1211S Datasheet HTML 1Page - Panasonic Semiconductor APT1211S Datasheet HTML 2Page - Panasonic Semiconductor APT1211S Datasheet HTML 3Page - Panasonic Semiconductor APT1211S Datasheet HTML 4Page - Panasonic Semiconductor APT1211S Datasheet HTML 5Page - Panasonic Semiconductor APT1211S Datasheet HTML 6Page - Panasonic Semiconductor APT1211S Datasheet HTML 7Page - Panasonic Semiconductor APT1211S Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
APT1
ASCTB217E 201201-T1
TYPES
1. SOP4 Type
Note: For space reasons, the initial letters of the product number “APT” and “S” are omitted on the product seal.
The package type indicator “X” and “Z” are omitted from the seal. (Ex. the label for product number APT1221SZ is 1221).
Phototriac coupler
ideal for triac driver
with wide variation
APT
Phototriac Coupler
Type
Output rating
Type
Package
size
Part No.
Packing quantity
Repetitive peak
OFF-state voltage
ON-state RMS
current
Tube packing
style
Tape and reel packing style
Tube
Tape and reel
AC
type
600 V
50 mA
Zero-cross
(max. 50 V)
SOP4pin
APT1211S
APT1211SX
(Picked from the
1/2-pin side)
APT1211SZ
(Picked from the
3/4-pin side)
1 tube contains:
100 pcs.
1 batch contains:
2, 000 pcs.
1, 000 pcs.
Zero-cross
(max. 15 V)
APT1231S
APT1231SX
(Picked from the
1/2-pin side)
APT1231SZ
(Picked from the
3/4-pin side)
Random
APT1221S
APT1221SX
(Picked from the
1/2-pin side)
APT1221SZ
(Picked from the
3/4-pin side)
VDE
FEATURES
1. Low zero-cross voltage (max. 15 V)
type added to lineup. Approximately
1/3 of previous product
Helps reduce device noises even further.
2. Two types available: Random type
and zero-cross type
3. Many package sizes available.
(Wide terminal type with 10.16 mm
pitch between I/O terminals available.)
4. High dielectric strength. (Between
input and output: SOP 3, 750 V; DIP
5,000 V)
5. Handles both 100 and 200 V AC
loads
This relay handles both voltages in a
single product it is not necessary for
users that use both types to manage
separate part numbers.
6. Terminal 5 of the DIP 6-pin type is
completely molded.
TYPICAL APPLICATIONS
1. For triac driver in heater controls of
products such as office equipment,
home appliances, and industrial
machines. (For 100V/200V, 50/60 Hz
lines)
2. Triac driver for SSRs
1
2
4
3
ZC
Zero-cross circuit
1
2
4
3
1
3
2
6
4
ZC
Zero-cross circuit
1
3
2
6
4
RoHS compliant
Load voltage
High noise
Large
interfering wave
Low noise
Small
interfering wave
Previous product: max. 50 V
New product: max. 15 V


Similar Part No. - APT1211S

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
APT1211 PANASONICBATTERY-APT1211 Datasheet
148Kb / 7P
   Phototriac Coupler for the Industrial Machinery, Consumer Electronics, and SSR Markets
More results

Similar Description - APT1211S

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
logo
Siemens Semiconductor G...
IL4216 SIEMENS-IL4216 Datasheet
85Kb / 3P
   TRIAC DRIVER OPTOCOUPLER
logo
COSMO Electronics Corp...
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com