Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISOPLUS247 Datasheet(PDF) 4 Page - IXYS Corporation

Part # ISOPLUS247
Description  Uninterruptible power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ISOPLUS247 Datasheet(HTML) 4 Page - IXYS Corporation

  ISOPLUS247 Datasheet HTML 1Page - IXYS Corporation ISOPLUS247 Datasheet HTML 2Page - IXYS Corporation ISOPLUS247 Datasheet HTML 3Page - IXYS Corporation ISOPLUS247 Datasheet HTML 4Page - IXYS Corporation ISOPLUS247 Datasheet HTML 5Page - IXYS Corporation ISOPLUS247 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXA37IF1200HJ
Die konvexe Form des Substrates ist typ. < 0.04 mm über der Kunststoff-f-
oberfläche der Bauteilunterseite
The convex bow of substrate is typ. < 0.04 mm over plastic surface level of
device bottom side
Die Gehäuseabmessungen entsprechen dem Typ TO-247 AD gemäß JEDEC
außer Schraubloch und Lmax.
This drawing will meet all dimensions requiarement of JEDEC outline TO-247 AD
except screw hole and except Lmax.
IXYS reserves the right to change limits, conditions and dimensions.
20100623c
Data according to IEC 60747and per diode unless otherwise specified
© 2010 IXYS all rights reserved


Similar Part No. - ISOPLUS247

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ISOPAC01 SEMTECH-ISOPAC01 Datasheet
236Kb / 6P
   HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
ISOPAC0103 SEMTECH-ISOPAC0103 Datasheet
236Kb / 6P
   HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
ISOPAC0103 SEMTECH-ISOPAC0103 Datasheet
237Kb / 6P
   HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
ISOPAC0104 SEMTECH-ISOPAC0104 Datasheet
236Kb / 6P
   HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
ISOPAC0104 SEMTECH-ISOPAC0104 Datasheet
237Kb / 6P
   HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
More results

Similar Description - ISOPLUS247

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
PHOENIX CONTACT
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
   Uninterruptible Power Supply (UPS)
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com