Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3537MTR Datasheet(PDF) 1 Page - International Rectifier

Part # IR3537MTR
Description  12V High Performance Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537MTR Datasheet(HTML) 1 Page - International Rectifier

  IR3537MTR Datasheet HTML 1Page - International Rectifier IR3537MTR Datasheet HTML 2Page - International Rectifier IR3537MTR Datasheet HTML 3Page - International Rectifier IR3537MTR Datasheet HTML 4Page - International Rectifier IR3537MTR Datasheet HTML 5Page - International Rectifier IR3537MTR Datasheet HTML 6Page - International Rectifier IR3537MTR Datasheet HTML 7Page - International Rectifier IR3537MTR Datasheet HTML 8Page - International Rectifier IR3537MTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 17, 2012 | FINAL | V1.11
1
IR3537
CHL8510
12V High Performance Gate Driver
FEATURES
 Drives both high-side and low-side MOSFETs in a
synchronous buck configuration
 Large drivers designed to drive 6nF server class FETs
o Low-side driver – 4A source / 6A sink
o High-side driver – 3A source / 4A sink
o Transition times & propagation delays < 20ns
 Independent variable gate drive voltage for both
high- and low-side drivers from 4.5V to 13.2V
o Improves efficiency
o Compatible with IR controller VGD feature
 Integrated bootstrap diode
o Reduces external component count
 Capable of high switching frequencies from 200kHz
up to 1MHz
 Configurable PWM modes of operation
o IR Active Tri-Level (ATL), disables both MOSFETs
in 30ns with no hold-off time
o Generic Tri-State PWM with hold-off
 Adaptive non-overlap protection minimizes diode
conduction time
 Input supply under voltage protection
 Thermally enhanced 10-pin DFN package
 Lead free RoHS compliant package, MSL level 1
APPLICATIONS
 Multiphase synchronous buck converter for
Server and desktop computers using Intel® and
AMD® VR solutions
 High efficiency and compact VRM
 High current DC/DC converters
BASIC APPLICATION
SWITCH
VCC
PWM
BOOT
IR3537/
CHL8510
HI_GATE
LO_GATE
GND
CBoot
VCC
PWM From
Controller
HS
MOSFET
LS
MOSFET
CVcc
HVCC
LVCC
MODE
Float for CHiL
ATL mode
RBoot
VVGD
VCC
SWITCH
RVcc
Figure 1: Basic Applications Circuit
DESCRIPTION
The IR3537/CHL8510 is a high efficiency gate driver which
can switch both high-side and low-side N-channel external
MOSFETs in a synchronous buck converter. It is intended
for use with International Rectifier’s Digital PWM
controllers to provide a total voltage regulator (VR)
solution for today’s advanced computing applications.
The IR3537/CHL8510 low-side driver is capable of rapidly
switching large MOSFETs with low RDS(on) and large input
capacitance used in high efficiency designs.
The IR3537/CHL8510 features individual control of
both the high-and low-side gate drive voltages from
4.5V to 13.2V. This enables the optimization of switching
and conduction losses in the external MOSFETs. When
used with IR’s proprietary Variable Gate Drive (VGD)
technology, a significant improvement in efficiency is
observed across the entire load range.
The IR3537/CHL8510 can be configured to drive both the
high- and low-side switches from the unique IR fast Active
Tri-Level (ATL) PWM signal or a generic tri-state PWM
mode. The IR ATL mode allows the controller to disable
the high- and low-side FETs in less than 30ns without the
need for a dedicated disable pin. This improves VR
transient performance, especially during load release.
The integrated bootstrap diode reduces external
component count. The IR3537/CHL8510 also features
an adaptive non-overlap control for shoot-through
protection. This prevents cross conduction of both high-
side and low-side MOSFETs and minimizes body diode
conduction time to provide the best in class efficiency.
PIN DIAGRAM
GND
Pin 11
Top View
3x3 DFN
6
7
8
9
10
5
4
3
2
1
SWITCH
LVCC
MODE
LO_GATE
HI_GATE
BOOT
HVCC
PWM
GND
VCC
Figure 2: IR3537/CHL8510 Package Top View


Similar Part No. - IR3537MTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3537 IRF-IR3537 Datasheet
443Kb / 15P
   Input supply under voltage protection
IR3537 IRF-IR3537_15 Datasheet
443Kb / 15P
   Input supply under voltage protection
More results

Similar Description - IR3537MTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81075 ONSEMI-NCP81075 Datasheet
124Kb / 13P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
logo
Holtek Semiconductor In...
BS45F5930 HOLTEK-BS45F5930 Datasheet
5Mb / 93P
   12V High Current Driver Touch MCU
logo
ON Semiconductor
MC74HC4052 ONSEMI-MC74HC4052 Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
   High-performance Silicon-gate CMOS
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
   HIGH-PERFORMANCE CMOS GATE ARRAY
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
   High–Performance Silicon–Gate CMOS
logo
Intersil Corporation
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
logo
List of Unclassifed Man...
IM1007 ETC2-IM1007 Datasheet
384Kb / 2P
   HIGH PERFORMANCE MICROSTEPPING DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com