Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3531A-MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3531A-MPBF
Description  41 Phase Dual Output Control IC Pre-bias compatible
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A-MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3531A-MPBF Datasheet HTML 1Page - International Rectifier IR3531A-MPBF Datasheet HTML 2Page - International Rectifier IR3531A-MPBF Datasheet HTML 3Page - International Rectifier IR3531A-MPBF Datasheet HTML 4Page - International Rectifier IR3531A-MPBF Datasheet HTML 5Page - International Rectifier IR3531A-MPBF Datasheet HTML 6Page - International Rectifier IR3531A-MPBF Datasheet HTML 7Page - International Rectifier IR3531A-MPBF Datasheet HTML 8Page - International Rectifier IR3531A-MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
4
TYPICAL APPLICATION DIAGRAM
Figure 5: IR3531A Typical Application Diagram
CIMON1
VDAC
TO IOUT SIGNALS
OF PHASES 1, 2
BBR#
PWM1
PWM2
RADDR1
RPSC
RFB1
TO PWM SIGNALS
OF PHASES 1, 2
RICCP1
12V
RHOTSET1
VDAC
CFB1
1
2
LVCC
ENABLE
COUTVCC
ALERT#
8
VCLK
9
V12V
7
PWM1
27
PHSSHED
11
VCC
5
TRACK
25
SCLK
29
BBR#
26
PWM2
28
BBR1#
36
PWM4
35
PWM3
34
TSENS
33
ROSC/OVP
32
ADDR
31
VRHOT#
2
VRRDY
4
VDIO
10
EN
1
VRRDY 1
3
ICCP
30
IMON_R1
12
GND
49
SW
6
IR3531A
VRHOT#
VRRDY
VCLK
VDIO
RCFB1
CEA
CFB
ALERT#
RTCMP1
RDRP
RFB
RTCMP3
RCFB
VRRDY 1
RTCMP2
RTHERM1
RTHERM2
ROSC
RCP
CEA1
RADDR2
CCP
RHOTSET2
RICCP2
RHOTSET3
CCP1
RCP1
IIN1
IIN2
TO PWM SIGNALS
OF PHASES 3, 4
TO IOUT SIGNALS
OF PHASES 3, 4
VDAC
RDRP1
TRACK
PHSSHED
SCLK
RTHERM3
RSCALE1
RSCALE3
RSCALE2
BBR1#
VDAC1
CIMON
PWM_R1
IOUT1


Similar Part No. - IR3531A-MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3531A IRF-IR3531A Datasheet
1Mb / 39P
   Sink and source tracking capability
IR3531A IRF-IR3531A_15 Datasheet
1Mb / 39P
   Sink and source tracking capability
More results

Similar Description - IR3531A-MPBF

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
logo
Micrel Semiconductor
MIC2150 MICREL-MIC2150 Datasheet
803Kb / 27P
   2-Phase Dual Output PWM Synchronous Buck Control IC
logo
ON Semiconductor
NCP6151A ONSEMI-NCP6151A Datasheet
576Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller
Rev1, 032012
logo
International Rectifier
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
logo
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
   Phase Control IC
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
09.94
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
   Phase control IC TDA2086A
1997
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com