Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV210EHA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQV210EHA
Description  High cost-performance DIP6-pin type, reinforced insulation available Computers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV210EHA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQV210EHA Datasheet HTML 1Page - Panasonic Semiconductor AQV210EHA Datasheet HTML 2Page - Panasonic Semiconductor AQV210EHA Datasheet HTML 3Page - Panasonic Semiconductor AQV210EHA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU-E 1 Form A (AQV21
❍E, AQV21❍EH)
ASCTB125E 201201-T
TYPES
*Indicate the peak AC and DC values.
Note: The surface mount terminal shape indicator “A” and the packing style indicator “X” or “Z” are not marked on the device.
RATING
High cost-performance
DIP6-pin type, reinforced
insulation available
GU-E 1 Form A
(AQV21
❍E, AQV21❍EH)
I/O isolation
Output rating*
Package
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
AC/DC
dual use
Standard
1,500 V AC
350 V
130 mA
DIP6-pin
AQV210E
AQV210EA
AQV210EAX
AQV210EAZ
1 tube contains:
50 pcs.
1 batch contains:
500 pcs.
1,000 pcs.
400 V
120 mA
AQV214E
AQV214EA
AQV214EAX
AQV214EAZ
Reinforced
5,000 V
350 V
130 mA
AQV210EH
AQV210EHA
AQV210EHAX
AQV210EHAZ
400 V
120 mA
AQV214EH
AQV214EHA
AQV214EHAX
AQV214EHAZ
TESTING
(Reinforced type)
(Standard type)
mm inch
FEATURES
1. Reinforced insulation of I/O
isolation voltage 5,000V (Reinforced
insulation type)
2. Controls low-level analog signals
PhotoMOS feature extremely low closed-
circuit offset voltage to enable control of
low-level analog signals without
distortion.
3. Stable on-resistance
4. Low-level off state leakage current
of max. 1
µA
TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephone equipment
• Data communication equipment
• Computers
8.8
6.4
3.9
8.8
6.4
3.6
.346
.252
.154
.346
.252
.142
1
2
3
6
5
4
RoHS compliant
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Sym-
bol
Type of
connec-
tion
AQV210E(A)
AQV214E(A)
AQV210EH(A)
AQV214EH(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
350 V
400 V
350 V
400 V
Continuous load current
IL
A
0.13 A
0.12 A
0.13 A
0.12 A
A connection: Peak AC, DC
B, C connection: DC
B
0.15 A
0.13 A
0.15 A
0.13 A
C
0.17 A
0.15 A
0.17 A
0.15 A
Peak load current
Ipeak
0.4 A
0.3 A
0.4 A
0.3 A
A connection: 100 ms (1 shot),
VL=DC
Power dissipation
Pout
500 mW
Total power dissipation
PT
550 mW
I/O isolation voltage
Viso
1,500 V AC
5,000 V AC
Temperature limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temp.
Storage
Tstg
–40
°C to +100°C –40°F to +212°F


Similar Part No. - AQV210EHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV210EHA ETC1-AQV210EHA Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
AQV210EHAZ ETC1-AQV210EHAZ Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
More results

Similar Description - AQV210EHA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
   High cost-performance DIP4-pin type with reinforced insulation
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
   VDRM 600V, Reinforced Insulation Type
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
Panasonic Semiconductor
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
   Normally closed DIP4-pin economic type with reinforced insulation Modem
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com