Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD02H0SK Datasheet(PDF) 6 Page - International Rectifier

Part # SD02H0SK
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD02H0SK Datasheet(HTML) 6 Page - International Rectifier

Back Button SD02H0SK Datasheet HTML 2Page - International Rectifier SD02H0SK Datasheet HTML 3Page - International Rectifier SD02H0SK Datasheet HTML 4Page - International Rectifier SD02H0SK Datasheet HTML 5Page - International Rectifier SD02H0SK Datasheet HTML 6Page - International Rectifier SD02H0SK Datasheet HTML 7Page - International Rectifier SD02H0SK Datasheet HTML 8Page - International Rectifier SD02H0SK Datasheet HTML 9Page - International Rectifier SD02H0SK Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
6
IR3473 
6A Highly Integrated SupIRBuck
TM 
ABSOLUTE MAXIMUM RATINGS 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are 
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the 
operational sections of the specifications are not implied. 
 
VIN, FF 
‐0.3V  to  30V 
VCC, PGOOD, EN ‐0.3V  to  8V 
BOOT 
‐0.3V  to  38V 
PHASE ‐0.3V  to  30V (DC), ‐5V (100ns) 
BOOT to PHASE 
‐0.3V  to  8V 
ISET ‐0.3V  to  30V, 30mA 
PGND to GND 
‐0.3V  to  +0.3V 
All other pins ‐0.3V  to  3.9V 
Storage Temperature Range 
‐65°C  to  150°C 
Junction Temperature Range ‐40°C  to  150°C 
ESD Classification 
JEDEC Class 1C 
Moisture Sensitivity Level 
JEDEC Level 2 @ 260°C (Note 2)  
 


Similar Part No. - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SD02H0SK ITT-SD02H0SK Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
International Rectifier
SD02H0SK IRF-SD02H0SK Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
SD02H0SK IRF-SD02H0SK Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
SD02H0SK IRF-SD02H0SK Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
SD02H0SK IRF-SD02H0SK Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com