Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW214AZ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQW214AZ
Description  Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW214AZ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQW214AZ Datasheet HTML 1Page - Panasonic Semiconductor AQW214AZ Datasheet HTML 2Page - Panasonic Semiconductor AQW214AZ Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU 2 Form A (AQW21
❍)
ASCTB50E 201201-T
TYPES
*Indicate the peak AC and DC values.
Note: The surface mount terminal shape indicator “A” and the packing style indicator “X” or “Z” are not marked on the device.
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Compact DIP8-pin type of
60V to 600V load voltage
GU 2 Form A
(AQW21
❍)
Output rating*
Package
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
dual use
60V
500 mA
DIP8-pin
AQW212
AQW212A
AQW212AX
AQW212AZ
1 tube contains:
50 pcs.
1 batch contains:
500 pcs.
1,000 pcs.
100 V
300 mA
AQW215
AQW215A
AQW215AX
AQW215AZ
200 V
160 mA
AQW217
AQW217A
AQW217AX
AQW217AZ
350 V
120 mA
AQW210
AQW210A
AQW210AX
AQW210AZ
400 V
100 mA
AQW214
AQW214A
AQW214AX
AQW214AZ
600 V
40 mA
AQW216
AQW216A
AQW216AX
AQW216AZ
Item
Symbol
AQW212(A)
AQW215(A)
AQW217(A)
AQW210(A)
AQW214(A)
AQW216(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz,
Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
100 V
200 V
350 V
400 V
600 V
Continuous load
current
IL
0.50 A
(0.60A)
0.30 A
(0.35 A)
0.16 A
(0.2 A)
0.12 A
(0.14 A)
0.10 A
(0.13 A)
0.04 A
(0.05 A)
Peak AC, DC
( ): in case of using only 1 channel
Peak load current
Ipeak
1.0 A
0.9 A
0.48 A
0.36 A
0.3 A
0.12 A
A connection: 100 ms (1 shot),
VL = DC
Power dissipation
Pout
800 mW
Total power dissipation
PT
850 mW
I/O isolation voltage
Viso
1,500 V AC
Between input and output/between
contact sets
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low
temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
mm inch
FEATURES
1. Compact 8-pin DIP size
The device comes in a compact (W) 6.4
×
(L) 9.78
×(H) 3.9 mm (W) .252×(L)
.385
×(H) .154 inch, 8-pin DIP size
(through hole terminal type).
2. Applicable for 2 Form A use as well
as two independent 1 Form A use
3. Controls low-level analog signals
PhotoMOS feature extremely low closed-
circuit offset voltage to enable control of
low-level analog signals without
distortion.
4. High sensitivity and high speed
response
Can control max. 0.6 A load current with
5 mA input current. Fast operation speed
of typ. 0.65 ms (AQW212).
5. Low-level off state leakage current
of max. 1
µA
6. Wide variation of load voltage 60V to
600V
TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephones equipment
• Computer
6.4
9.78
3.9
9.78
6.4
3.6
.252
.385
.154
.385
.252
.142
1
2
3
4
8
7
6
5
RoHS compliant


Similar Part No. - AQW214AZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW214AZ NAIS-AQW214AZ Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
More results

Similar Description - AQW214AZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
   Miniature SOP4-pin type of 60V/350V/400V load voltage
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
   Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
AQV21 PANASONIC-AQV21 Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Xilinx, Inc
XCR3032 XILINX-XCR3032 Datasheet
213Kb / 14P
   High speed pin-to-pin delays of 8ns
XCR3128A XILINX-XCR3128A Datasheet
251Kb / 17P
   High-speed pin-to-pin delays of 7.5 ns
XCR5128 XILINX-XCR5128 Datasheet
139Kb / 20P
   High speed pin-to-pin delays of 7.5 ns
logo
Panasonic Semiconductor
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
   Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
logo
Xilinx, Inc
XCR5128C XILINX-XCR5128C Datasheet
281Kb / 19P
   High speed pin-to-pin delays of 7.5 ns
DS109 XILINX-DS109 Datasheet
65Kb / 3P
   High-speed pin-to-pin delays of 10 ns
DS119 XILINX-DS119 Datasheet
103Kb / 7P
   High-speed pin-to-pin delays of 10 ns
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com