Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEV-FK1E680P Datasheet(PDF) 1 Page - International Rectifier

Part # EEV-FK1E680P
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EEV-FK1E680P Datasheet(HTML) 1 Page - International Rectifier

  EEV-FK1E680P Datasheet HTML 1Page - International Rectifier EEV-FK1E680P Datasheet HTML 2Page - International Rectifier EEV-FK1E680P Datasheet HTML 3Page - International Rectifier EEV-FK1E680P Datasheet HTML 4Page - International Rectifier EEV-FK1E680P Datasheet HTML 5Page - International Rectifier EEV-FK1E680P Datasheet HTML 6Page - International Rectifier EEV-FK1E680P Datasheet HTML 7Page - International Rectifier EEV-FK1E680P Datasheet HTML 8Page - International Rectifier EEV-FK1E680P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
1
IR3473 
6A Highly Integrated SupIRBuck
TM 
FEATURES 
• Input Voltage Range: 3V to 27V  
• Output Voltage Range: 0.5V to 12V 
• Continuous 6A Load Capability 
• Constant On‐Time Control 
• Compensation Loop not Required  
• Excellent Efficiency at Very Low Output Currents 
• Programmable Switching Frequency and Soft Start  
• Thermally Compensated Over Current Protection 
• Power Good Output  
• Precision Voltage Reference (0.5V, +/‐1%) 
• Enable Input with Voltage Monitoring Capability  
• Pre‐bias Start Up 
• Thermal Shut Down  
• Under/Over Voltage Fault Protection  
• Forced Continuous Conduction Mode Option 
• Very Small, Low Profile 4mm x 5mm QFN Package 
 
 
BASIC APPLICATION 
 
Figure 1: IR3473 Basic Application Circuit 
DESCRIPTION 
The IR3473 SupIRBuck
TM is an easy‐to‐use, fully integrated 
and highly efficient DC/DC voltage regulator. The onboard 
constant on time hysteretic controller and MOSFETs make 
IR3473 a space‐efficient solution that delivers up to 6A of 
precisely controlled output voltage. 
Programmable switching frequency, soft start, and 
thermally compensated over current protection allows for 
a very flexible solution suitable for many different 
applications and an ideal choice for battery powered 
applications. 
Additional features include pre‐bias startup, very precise 
0.5V reference, under/over voltage shutdown, thermal 
protection, power good output, and enable input with 
voltage monitoring capability. 
APPLICATIONS 
• Notebook and Desktop Computers 
• Consumer Electronics – STB, LCD, TV, Printers 
• 12V and 24V Distributed Power Systems 
• General Purpose POL DC‐DC Converters 
• Game Consoles and Graphics Cards 
EFFICIENCY 
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
0.01
0.1
1
10
Load Current (A)
VIN = 12V
VIN = 8V
VIN = 19V
 
Figure 2: IR3473 Efficiency 


Similar Part No. - EEV-FK1E680P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - EEV-FK1E680P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com