Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R0J476M Datasheet(PDF) 10 Page - International Rectifier

Part # C2012X5R0J476M
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C2012X5R0J476M Datasheet(HTML) 10 Page - International Rectifier

Back Button C2012X5R0J476M Datasheet HTML 6Page - International Rectifier C2012X5R0J476M Datasheet HTML 7Page - International Rectifier C2012X5R0J476M Datasheet HTML 8Page - International Rectifier C2012X5R0J476M Datasheet HTML 9Page - International Rectifier C2012X5R0J476M Datasheet HTML 10Page - International Rectifier C2012X5R0J476M Datasheet HTML 11Page - International Rectifier C2012X5R0J476M Datasheet HTML 12Page - International Rectifier C2012X5R0J476M Datasheet HTML 13Page - International Rectifier C2012X5R0J476M Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
10
IR3473 
6A Highly Integrated SupIRBuck
TM 
TYPICAL OPERATING DATA  
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow, unless 
otherwise specified.
 
Figure 11: Startup 
 
Figure 13: DCM (IOUT = 0.1A) 
 
 
 
Figure 15: Over Current Protection  
(tested by shorting VOUT to PGND) 
 
Figure 12: Shutdown 
 
Figure 14: CCM (IOUT = 6A) 
 
 
Figure 16: Over Voltage Protection  
(tested by shorting FB to VOUT)
EN
PGOOD
SS
VOUT
5V/div
5V/div 1V/div 500mV/div
5ms/div
EN
PGOOD
SS
VOUT
5V/div 5V/div 1V/div 500mV/div
500µs/div
VOUT
PHASE
iL
20mV/div 10V/div 500mA/div
5µs/div
VOUT
PHASE
iL
20mV/div 10V/div 5A/div
2µs/div
PGOOD
SS
VOUT
iL
5V/div 1V/div 500mV/div 10A/div
2ms/div
PGOOD
FB
VOUT
iL
5V/div 1V/div 500mV/div 2A/div
50µs/div


Similar Part No. - C2012X5R0J476M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
C2012X5R0J476M TI1-C2012X5R0J476M Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
logo
International Rectifier
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - C2012X5R0J476M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com