Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57237S0109M000 Datasheet(PDF) 10 Page - EPCOS

Part # B57237S0109M000
Description  NTC thermistors for inrush current limiting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57237S0109M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B57237S0109M000 Datasheet HTML 6Page - EPCOS B57237S0109M000 Datasheet HTML 7Page - EPCOS B57237S0109M000 Datasheet HTML 8Page - EPCOS B57237S0109M000 Datasheet HTML 9Page - EPCOS B57237S0109M000 Datasheet HTML 10Page - EPCOS B57237S0109M000 Datasheet HTML 11Page - EPCOS B57237S0109M000 Datasheet HTML 12Page - EPCOS B57237S0109M000 Datasheet HTML 13Page - EPCOS B57237S0109M000 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Cautions and warnings
General
See "Important notes" at the end of this document.
Storage
Store thermistors only in original packaging. Do not open the package before storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative
humidity
≤75% annual mean, maximum 95%, dew precipitation is inadmissible.
Avoid contamination of thermistors surface during storage, handling and processing.
Avoid storage of thermistor in harmful environments like corrosive gases (SOx, Cl etc).
Solder thermistors after shipment from EPCOS within the time specified:
Leaded components: 24 months
Handling
NTC thermistors must not be dropped. Chip-offs must not be caused during handling of NTCs.
Components must not be touched with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
In case of exposure of the NTC thermistors to water, electrolytes or other aggressive media,
these media can penetrate the coating and reach the surface of the ceramic. Low-ohmic or
high-ohmic behavior may occur due to the formation of an electrolyte with metals (silver/lead/tin
from metallization or solder). Low-ohmic behavior is caused by electrochemical migration,
high-ohmic behavior by dissolving of the electrode. Ineither case, the functionality of the NTC
thermistors can not be assured.
Bending / twisting leads
A lead (wire) may be bent at a minimum distance of twice the wire’s diameter plus 4 mm from
the component head or housing. When bending ensure the wire is mechanically relieved at the
component head or housing. The bending radius should be at least 0.75 mm.
Twisting (torsion) by 180
° of a lead bent by 90° is permissible at 6 mm from the bottom of the
thermistor body.
Soldering
Use resin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Inrush current limiters
B57237S0***M0**
ICLs
S237
Page 10 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57237S0109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S0109M000/51 EPCOS-B57237S0109M000/51 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57237S0109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com