Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY203-12S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY203-12S
Description  Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY203-12S Datasheet(HTML) 1 Page - Vishay Siliconix

  BY203-12S Datasheet HTML 1Page - Vishay Siliconix BY203-12S Datasheet HTML 2Page - Vishay Siliconix BY203-12S Datasheet HTML 3Page - Vishay Siliconix BY203-12S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BY203-12S, BY203-16S, BY203-20S
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 12-Sep-12
1
Document Number: 86002
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Avalanche Sinterglass Diode
MECHANICAL DATA
Case: SOD-57 sintered glass case
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Fast rectification and switching avalanche sinterglass
diode for TV-line output circuits an switch mode power
supply
949539
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BY203-20S
BY203-20STR
5000 per 10" tape and reel
25 000
BY203-20S
BY203-20STAP
5000 per ammopack
25 000
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BY203-12S
VR = 1200 V; IF(AV) = 250 mA
SOD-57
BY203-16S
VR = 1600 V; IF(AV) = 250 mA
SOD-57
BY203-20S
VR = 2000 V; IF(AV) = 250 mA
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak reverse
voltage
lR = 100 μA
BY203-12S
VR = VRRM
1200
V
BY203-16S
VR = VRRM
1600
V
BY203-20S
VR = VRRM
2000
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
20
A
Average forward current
IF(AV)
250
mA
Non repetitive reverse avalanche energy
I(BR)R = 0.4 A
ER
10
mJ
Junction temperature range
Tj
- 55 to + 150
°C
Storage temperature range
Tstg
- 55 to + 175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
45
K/W
Maximum lead length
RthJA
100
K/W


Similar Part No. - BY203-12S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY203-12S VISHAY-BY203-12S Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY203-12S VISHAY-BY203-12S Datasheet
116Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 13-Apr-05
BY203-12S VISHAY-BY203-12S Datasheet
113Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 30-Jul-10
BY203-12S VISHAY-BY203-12S Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY203-12S VISHAY-BY203-12S Datasheet
125Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
More results

Similar Description - BY203-12S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com