Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQY414EHAZ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQY414EHAZ
Description  Normally closed DIP4-pin economic type with reinforced insulation Modem
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQY414EHAZ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQY414EHAZ Datasheet HTML 1Page - Panasonic Semiconductor AQY414EHAZ Datasheet HTML 2Page - Panasonic Semiconductor AQY414EHAZ Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU-E 1 Form B (AQY41
❍EH)
ASCTB128E 201201-T
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
*Operate/Reverse time
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper device operation and resetting.
■ For Dimensions.
■ For Schematic and Wiring Diagrams.
■ For Cautions for Use.
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Corporation
technical representative.
For more information.
REFERENCE DATA
Item
Symbol
AQY412EH(A)
AQY410EH(A)
AQY414EH(A)
Condition
Input
LED operate (OFF) current
Typical
IFoff
1.4 mA
IL=Max.
Maximum
3.0 mA
LED reverse (ON) current
Minimum
IFon
0.4 mA
IL=Max.
Typical
1.3 mA
LED dropout
voltage
Typical
VF
1.25 (1.14 V at IF = 5 mA)
IF = 50 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
1
18
26
IF = 0 mA
IL = Max.
Within 1 s on time
Maximum
2.5
25
35
Off state leakage current
Maximum
ILeak
10
µA
IF = 5 mA
VL = Max.
Transfer
characteristics
Operate (OFF) time*
Typical
Toff
3.0 ms
1.0 ms
0.8 ms
IF = 0 mA
➝ 5 mA
IL = Max.
Maximum
10.0 ms
3.0 ms
Reverse (ON) time*
Typical
Ton
0.2 ms
0.3 ms
0.2 ms
IF = 5 mA
➝ 0 mA
IL = Max.
Maximum
1.0 ms
I/O capacitance
Typical
Ciso
0.8 pF
f =1MHz
VB = 0 V
Maximum
1.5 pF
Initial I/O isolation resistance
Minimum
Riso
1,000M
500 V DC
Item
Symbol
Recommended value
Unit
Input LED current
IF
5 to 10
mA
Toff
Input
Output
10%
90%
Ton
1-(1). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
1-(2). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
2. On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 3 and 4;
LED current: 0 mA; Load voltage: Max.(DC);
Continuous load current: Max. (DC)
0
200
150
100
50
020
40
60
–20
80 85 100
–40
AQY410EH
AQY414EH
Ambient temperature,
°C
0
200
300
400
500
600
700
100
Ambient temperature,
°C
020
40
60
8085 100
-40
-20
AQY412EH
0
10
20
30
40
-40
-20
50
020
40
60
8085
Ambient temperature,
°C
AQY410EH
AQY414EH
AQY412EH


Similar Part No. - AQY414EHAZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY414EHAZ NAIS-AQY414EHAZ Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
More results

Similar Description - AQY414EHAZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
   High cost-performance DIP4-pin type with reinforced insulation
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
   VDRM 600V, Reinforced Insulation Type
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
Panasonic Semiconductor
AQV210E PANASONIC-AQV210E Datasheet
85Kb / 4P
   High cost-performance DIP6-pin type, reinforced insulation available Computers
logo
MORNSUN Science& Techno...
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com