Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW654AX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQW654AX
Description  Both 1 Form A and 1 Form B contacts incorporated in a compact DIP8-pin with low on-resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW654AX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQW654AX Datasheet HTML 1Page - Panasonic Semiconductor AQW654AX Datasheet HTML 2Page - Panasonic Semiconductor AQW654AX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
HE Form A & B (AQW654)
ASCTB60E 201201-T
TYPES
*Indicate the peak AC and DC values.
Note: The surface mount terminal indicator “A” and the packing style indicator “X” or “Z” are not marked on the device.
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Both 1 Form A and 1 Form B
contacts incorporated
in a compact DIP8-pin
with low on-resistance
HE Form A & B
(AQW654)
Output rating*
Package
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
dual use
400 V
120 mA
DIP8-pin
AQW654
AQW654A
AQW654AX
AQW654AZ
1 tube contains:
50 pcs.
1 batch contains:
500 pcs.
1,000 pcs
Item
Symbol
AQW654(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
400 V
Continuous load current
IL
0.12A (0.16 A)
Peak AC, DC
( ): in case of using only 1 channel)
Peak load current
Ipeak
0.36 A
A connection: 100 ms (1 shot), VL = DC
Power dissipation
Pout
800 mW
Total power dissipation
PT
850 mW
I/O isolation voltage
Viso
1,500 V AC
Between input and output/between contact sets
Temperature limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
mm inch
FEATURES
1. Applicable for 1 Form A 1 Form B
use as well as two independent
1 Form A and 1 Form B use
2. Controls low-level analog signals
PhotoMOS feature extremely low closed-
circuit offset voltage to enable control of
low-level analog signals without
distortion.
3. High sensitivity and low on-
resistance
Can control max. 0.16 A load current with
5 mA input current. Low on-resistance of
max. 11
Ω.
4. Low-level off state leakage current
of max. 1
µA
TYPICAL APPLICATIONS
• High-speed inspection machines
• Data communication equipment
• Telephone equipment
• Sensing equipment
9.78
6.4
3.9
9.78
6.4
3.6
.385
.252
.154
.385
.252
.142
1
2
3
4
8
N.C.
N.O.
7
6
5
RoHS compliant
Height includes
standoff


Similar Part No. - AQW654AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW65 PANASONIC-AQW65 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW65 ETC2-AQW65 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW65 ETC2-AQW65 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW65 ETC2-AQW65 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW65 ETC-AQW65 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW654AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW612EH PANASONIC-AQW612EH Datasheet
88Kb / 4P
   Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in Single Package
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
   1 Form B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com