Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1166STRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR1166STRPBF
Description  SmartRectifier CONTROL IC Secondary side high speed SR controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1166STRPBF Datasheet(HTML) 4 Page - International Rectifier

  IR1166STRPBF Datasheet HTML 1Page - International Rectifier IR1166STRPBF Datasheet HTML 2Page - International Rectifier IR1166STRPBF Datasheet HTML 3Page - International Rectifier IR1166STRPBF Datasheet HTML 4Page - International Rectifier IR1166STRPBF Datasheet HTML 5Page - International Rectifier IR1166STRPBF Datasheet HTML 6Page - International Rectifier IR1166STRPBF Datasheet HTML 7Page - International Rectifier IR1166STRPBF Datasheet HTML 8Page - International Rectifier IR1166STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IR1166S
www.irf.com
4
STATE AND TRANSITIONS DIAGRAM
POWER ON
Gate Inactive
UVLO MODE
VCC < VCCon
Gate Inactive
ICC max = 200uA
NORMAL
Gate Active
VCC > VCCon
and
ENABLE HIGH
VCC < VCCuvlo
or
ENABLE LOW
** Guaranteed by Design
Minimum On Time Section
Parameters
Symbol
Min.
Typ.
Max.
Units
190
251
290
ns
2.4
3
3.6
µs
Gate Driver Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Gate Low Voltage
VGLO
0.2
0.5
V
Gate High Voltage
VGTH
9.5
10.7
12.5
V
Rise Time
tr1
21
ns
tr2
181
ns
Fall Time
tf1
10
ns
tf2
44
ns
Turn on Propagation Delay
tDon
52
80
ns
Turn off Propagation Delay
tDoff
35
65
ns
Pull up Resistance
rup
5
W
Pull down Resistance
rdown
1.2
W
Output Peak Current (source)
IO source
1
A
Output Peak Current (sink)
IO sink
4
A
Remarks
Minimum on time
TONmin
RMOT =5kW, VCC=12V
RMOT =75kW, VCC=12V
VCC=12V-18V (internally clamped)
Remarks
IGATE = 200mA
IGATE = 1A - GBD
CLOAD = 10nF - GBD
CLOAD = 1nF, VCC=12V
CLOAD = 10nF, VCC=12V
CLOAD = 1nF, VCC=12V
IGATE = -200mA
CLOAD = 10nF - GBD
CLOAD = 10nF, VCC=12V
VDS to VGATE -100mV overdrive
VDS to VGATE -100mV overdrive
9
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - IR1166STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1166STRPBF IRF-IR1166STRPBF Datasheet
512Kb / 16P
   SmartRectifierTM CONTROL IC
More results

Similar Description - IR1166STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11672AS IRF-IR11672AS_15 Datasheet
633Kb / 26P
   Secondary side high speed SR controller
IR1167AS IRF-IR1167AS_15 Datasheet
1Mb / 25P
   Secondary side high speed SR controller
IR1169S IRF-IR1169S_15 Datasheet
681Kb / 28P
   Secondary side high speed SR controller
IR1166S IRF-IR1166S_15 Datasheet
1Mb / 25P
   Secondary side high speed SR controller
IR11662S IRF-IR11662S_15 Datasheet
669Kb / 26P
   Secondary side high speed SR controller
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
   SmartRectifier CONTROL IC
IR1166SPBF IRF-IR1166SPBF Datasheet
275Kb / 15P
   SMARTRECTIFIER CONTROL IC
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
   ADVANCED SMARTRECTIFIER CONTROL IC
logo
Fairchild Semiconductor
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com