Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHL8515CRT Datasheet(PDF) 6 Page - International Rectifier

Part # CHL8515CRT
Description  High?륟fficiency Variable Gate MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CHL8515CRT Datasheet(HTML) 6 Page - International Rectifier

Back Button CHL8515CRT Datasheet HTML 2Page - International Rectifier CHL8515CRT Datasheet HTML 3Page - International Rectifier CHL8515CRT Datasheet HTML 4Page - International Rectifier CHL8515CRT Datasheet HTML 5Page - International Rectifier CHL8515CRT Datasheet HTML 6Page - International Rectifier CHL8515CRT Datasheet HTML 7Page - International Rectifier CHL8515CRT Datasheet HTML 8Page - International Rectifier CHL8515CRT Datasheet HTML 9Page - International Rectifier CHL8515CRT Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
 
 
High‐Efficiency Variable Gate MOSFET Driver 
CHL8515 
December 6, 2011  |  FINAL |  V1.05
6
ABSOLUTE MAXIMUM RATINGS 
 
VCC 
‐0.3V  to  +7.0V 
LVCC, HVCC ‐0.3V  to  +15.0V 
PWM, OTSET, OT# 
‐0.3V  to  +7.0V 
BOOT‐GND, BOOT‐SWITCH ‐0.3V  to  +35.0V, ‐0.3V  to  +HVCC 
LO_GATE 
‐0.3V  to  LVCC + 0.3V, <200ns: ‐5V  to  LVCC + 0.3V 
HI_GATE 
SWITCH – 0.3V  to  VBOOT + 0.3V, <20ns: SWITCH –5V  to  VBOOT + 0.3V 
SWITCH 
‐0.3V  to  +35.0V, <200ns, ‐8V 
ESD 
HBM 250V JEDEC Standard 
Thermal Information 
 
Thermal Resistance (θJC
3°C/W 
Thermal Resistance (θJA)
1 
45°C/W 
Maximum Operating Junction Temperature 
150°C 
Maximum Storage Temperature Range ‐65°C  to  150°C 
Maximum Lead Temperature (Soldering 10s)  
300°C 
Note: 1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings 
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the 
specifications are not implied. 


Similar Part No. - CHL8515CRT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8515 IRF-CHL8515 Datasheet
453Kb / 16P
   High?륟fficiency Variable Gate MOSFET Driver
CHL8515 IRF-CHL8515_15 Datasheet
453Kb / 16P
   High?륟fficiency Variable Gate MOSFET Driver
More results

Similar Description - CHL8515CRT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8550 IRF-CHL8550_15 Datasheet
365Kb / 15P
   High?륟fficiency Variable Gate MOSFET Driver
CHL8515 IRF-CHL8515_15 Datasheet
453Kb / 16P
   High?륟fficiency Variable Gate MOSFET Driver
CHL8550 IRF-CHL8550 Datasheet
365Kb / 15P
   High.Efficiency Variable Gate MOSFET Driver
logo
Texas Instruments
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
ON Semiconductor
NCP81075 ONSEMI-NCP81075 Datasheet
124Kb / 13P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
logo
AiT Semiconductor Inc.
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com